Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDH5 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TDH5 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TDH5
Download  TDH5 Download
File Size   285.85 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Operational temperature range 5°C~45°C

TDH5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDH5 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TDH5
Download  TDH5 Click to download

File Size   285.85 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Operational temperature range 5°C~45°C

TDH5 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TDH5 Product details

General Features
Max. available buttons 6
Color Case: Black, white
Membrane: Black, sputter coating
Options Anti-pulling tube
Display 3-digit display shows the height of the desk
Operational temperature range +5°C~+45°C
4 Memory positions
Classic control for height-adjustable desks
Mounted to the desk front side




Similar Part No. - TDH5

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TDH501D485H MORNSUN-TDH501D485H Datasheet
478Kb / 4P
Industrial Bus
logo
TiMOTION Technology Co....
TDH5C TIMOTION-TDH5C Datasheet
171Kb / 3P
Display 3-digit display shows the height of the desk
20230215-C
TDH5PR TIMOTION-TDH5PR Datasheet
252Kb / 3P
Compatible with the TWD1 (Bluetooth adapter)
20201027-B
More results


Similar Description - TDH5

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC7 TIMOTION-TC7 Datasheet
317Kb / 3P
Operational temperature range 5°C~45°C
20220627-G
TDH17 TIMOTION-TDH17 Datasheet
229Kb / 4P
Operational temperature range 5°C~45°C
20230616-C
TDH2 TIMOTION-TDH2 Datasheet
194Kb / 3P
Operational temperature range 5°C~45°C
20201027-D
TDH20P TIMOTION-TDH20P Datasheet
414Kb / 3P
Operational temperature range 5°C~45°C
20220809-G
TDH8 TIMOTION-TDH8 Datasheet
152Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8D TIMOTION-TDH8D Datasheet
169Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8P TIMOTION-TDH8P Datasheet
312Kb / 3P
Operational temperature range 5°C~45°C
20230503-D
TFH36 TIMOTION-TFH36 Datasheet
171Kb / 3P
Operational temperature range 5°C~45°C
20231026-A
TP4 TIMOTION-TP4 Datasheet
241Kb / 4P
Operational temperature range 5°C~45°C
20220207-I
TP8 TIMOTION-TP8 Datasheet
492Kb / 4P
Operational temperature range 5°C~45°C
20220209-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com