Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2036 Datasheet (PDF) - Micro Linear Corporation

ML2036 Datasheet PDF - Micro Linear Corporation
Part # ML2036
Download  ML2036 Download
File Size   254.58 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Serial Input Programmable Sine Wave Generator with Digital Gain Control

ML2036 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2036 Datasheet PDF - Micro Linear Corporation

Part # ML2036
Download  ML2036 Click to download

File Size   254.58 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Serial Input Programmable Sine Wave Generator with Digital Gain Control

ML2036 Datasheet (HTML) - Micro Linear Corporation


ML2036 Product details

GENERAL DESCRIPTION

The ML2036 is a monolithic sine wave generator whose output is programmable from DC to 50kHz. No external components are required. The frequency of the sinewave output is derived from either an external crystal or clock input, providing a stable and accurate frequency reference. The frequency is programmed by a 16-bit serial data word.



FEATURES

Programmable output frequency - DC to 50kHz

Low gain error and total harmonic distortion

3-wire SPI compatible serial microprocessor interface with double buffered data latch

Fully integrated solution - no external components required

Frequency resolution of 1.5Hz (±0.75Hz) with a 12MHz clock input

Onboard 3 to 12MHz crystal oscillator

Clock outputs of 1/2 or 1/8 of the input clock frequency

Synchronous or asynchronous data loading capability

Compatible with ML2031 and ML2032 tone detectors and ML2004 logarithmic gain/attenuator




Similar Part No. - ML2036

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
Serial Input Programmable Sine Wave Generator with Digital Gain Control
More results


Similar Description - ML2036

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2035 FAIRCHILD-ML2035 Datasheet
168Kb / 9P
Serial Input Programmable Sine Wave Generator
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
Serial Input Programmable Sine Wave Generator
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
Linear Technology
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
IK Semicon Co., Ltd
IK6501 IKSEMICON-IK6501 Datasheet
2Mb / 20P
Sine-wave PWM control
IK6501-01 IKSEMICON-IK6501-01 Datasheet
2Mb / 20P
Sine-wave PWM control
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com