Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2037 Datasheet (PDF) - Micro Linear Corporation

ML2037 Datasheet PDF - Micro Linear Corporation
Part # ML2037
Download  ML2037 Download
File Size   208.64 Kbytes
Page   10 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control

ML2037 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2037 Datasheet PDF - Micro Linear Corporation

Part # ML2037
Download  ML2037 Click to download

File Size   208.64 Kbytes
Page   10 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control

ML2037 Datasheet (HTML) - Micro Linear Corporation


ML2037 Product details

GENERAL DESCRIPTION

The ML2037 is a precision programmable sine wave generator with a frequency range of DC to 500kHz. The device is capable of generating a wide frequency range of low distortion sine waves with no external passive components. The frequency of the sine wave output is programmed by a 16-bit word that is loaded through a serial input.



FEATURES

■Programmable output frequency:

    DC to 400kHz—using a crystal

    DC to 500kHz—using an external digital clock

■3-wire SPI compatible serial interface with double buffered latch for programming the frequency

■Digital gain control for programming output amplitude

■SYNC input for synchronization of multiple sine waves

■Shutdown pin for sleep mode

■Single 5V power supply operation




Similar Part No. - ML2037

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2031 MICRO-LINEAR-ML2031 Datasheet
459Kb / 9P
TONE DETECTOR
ML2031CP MICRO-LINEAR-ML2031CP Datasheet
459Kb / 9P
TONE DETECTOR
ML2031IP MICRO-LINEAR-ML2031IP Datasheet
459Kb / 9P
TONE DETECTOR
logo
List of Unclassifed Man...
ML2032 ETC2-ML2032 Datasheet
134Kb / 4P
Lithium Manganese Dioxide Rechargeable Batteries
logo
Maxwell Technologies
ML2032 MAXWELL-ML2032 Datasheet
1,002Kb / 9P
LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
More results


Similar Description - ML2037

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2035 FAIRCHILD-ML2035 Datasheet
168Kb / 9P
Serial Input Programmable Sine Wave Generator
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
Serial Input Programmable Sine Wave Generator
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Linear Technology
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
IK Semicon Co., Ltd
IK6501 IKSEMICON-IK6501 Datasheet
2Mb / 20P
Sine-wave PWM control
IK6501-01 IKSEMICON-IK6501-01 Datasheet
2Mb / 20P
Sine-wave PWM control
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com