Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2037 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML2037
Description  500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2037 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML2037 Datasheet HTML 2Page - Micro Linear Corporation ML2037 Datasheet HTML 3Page - Micro Linear Corporation ML2037 Datasheet HTML 4Page - Micro Linear Corporation ML2037 Datasheet HTML 5Page - Micro Linear Corporation ML2037 Datasheet HTML 6Page - Micro Linear Corporation ML2037 Datasheet HTML 7Page - Micro Linear Corporation ML2037 Datasheet HTML 8Page - Micro Linear Corporation ML2037 Datasheet HTML 9Page - Micro Linear Corporation ML2037 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ML2037
6
16-BIT
SHIFT REGISTER
16-BIT
DATA LATCH
21-BIT
ADDER
A16 A0
A20 A15
B0–B20
21-BIT
LATCH
SUM (21 BITS)
Q20
Q0
BINARY
PHASE ACCUMULATOR
fREF
QUADRANT
COMPLEMENTER
LEAST
SIGNIFICANT
(12 BITS)
PHASE SAMPLES
(7 BITS)
SIGN BIT
QUADRANT
BIT
(16 BITS)
• • •
•
•
•
(16 BITS)
• • •
•
•
•
•••
•••
INPUT TO
QUADRANT
COMPLEMENTOR
T =
1
fREF
INPUT TO
ROM
PICTORIAL
PRESENTATION
OF DIGITAL DATA
INPUT TO SIGN
COMPLEMENTOR
SIGN
BIT
(7 BITS)
• • •
READ-ONLY
MEMORY
(128 X 7)
(7 BITS)
• • •
(7 BITS)
• • •
(7BITS)
• • •
SIGN
COMPLEMENTOR
OUTPUT
LATCH
8-BIT
DIGITAL-TO-ANALOG
CONVERTER
GAIN CONTROL &
LOW-PASS
FILTER
SINEWAVE
OUTPUT
OUTPUT OF
LOW-PASS
FILTER
(ANALOG
SIGNAL)
INPUT TO
LOW-PASS
FILTER
(ANALOG
SIGNAL)
INPUT TO D/A
CONVERTER
INPUT TO
OUTPUT LATCH
SIGN
BIT
SIGN
BIT
fREF
CLK IN
CRYSTAL
OSCILLATOR
÷2
S ENABLE
S DATA IN
G1
G0
Figure 1. Detailed Block Diagram of the ML2037.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com