Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2037 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML2037
Description  500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2037 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML2037 Datasheet HTML 1Page - Micro Linear Corporation ML2037 Datasheet HTML 2Page - Micro Linear Corporation ML2037 Datasheet HTML 3Page - Micro Linear Corporation ML2037 Datasheet HTML 4Page - Micro Linear Corporation ML2037 Datasheet HTML 5Page - Micro Linear Corporation ML2037 Datasheet HTML 6Page - Micro Linear Corporation ML2037 Datasheet HTML 7Page - Micro Linear Corporation ML2037 Datasheet HTML 8Page - Micro Linear Corporation ML2037 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ML2037
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, AVCC = DVCC = 4.75V to 5.25V, SHDN = 0V, CLK IN = 25.6MHz (crystal)
or 32MHz (external clock), CL = 50pF, RL = 1kW, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
HD
Harmonic Distortion
20Hz to 31.25kHz
-45
dB
(2nd and 3rd Harmonic)
31.25kHz to 500kHz
-40
dB
SND
Signal to Noise + Distortion
1kHz to 31.25kHz,
-45
dB
fOUT BW < 31.25kHz
31.35kHz to 500kHz,
-40
dB
fOUT BW < 500kHz
Gain Error
fOUT<125kHz,
C Suffix
±0.15
dB
AVCC = 5V, G1=1, G0=1
fOUT<125kHz,
I Suffix
±0.25
dB
AVCC = 5V, G1=1, G0=1
125kHz<fOUT<500kHz,
Both
±0.5
dB
AVCC = 5V, G1=1, G0=1
Idle Noise
SHDN = 5V
500
µVrms
PSRR
Power Supply Rejection Ratio
200mVP-P, fOUT = 0 - 100kHz
-40
dB
DC Output Voltage
2.4
2.6
V
Peak-to-Peak Output Voltage
G1 = 0, G0 = 0
0.5
VP-P
G1 = 0, G0 = 1
1.0
VP-P
G1 = 1, G0 = 0
1.5
VP-P
G1 = 1, G0 = 1
1.88
2.0
2.12
VP-P
OSCILLATOR
CLK IN Input Low Voltage
1.5
V
CLK IN Input High Voltage
3.5
V
CLK IN Input Low Current
External Clock
-250
µA
CLK IN Input High Current
External Clock
250
µA
CLK IN Input Capacitance
12
pF
CLK IN Maximum Frequency
External Clock
32
MHz
CLK OUT to CLK IN Frequency Ratio
0.49
0.5
0.51
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
AVCC, DVCC ................................................................................. 7V
Voltage on any other pin .... AGND - 0.3V to AVCC + 0.3V
Input Current ........................................................ ±25mA
Junction Temperature .............................................. 150ºC
Storage Temperature Range ...................... –65ºC to 150ºC
Lead Temperature (Soldering, 10 sec) ..................... 260ºC
Thermal Resistance (
qJA)
Plastic DIP ....................................................... 80ºC/W
SOIC .............................................................. 105ºC/W
OPERATING CONDITIONS
Temperature Range
ML2037CX ................................................. 0ºC to 70ºC
ML2037IX ............................................... -40ºC to 85ºC
AVCC, DVCC Range .................................. 4.75V to 5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com