Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2252 Datasheet (PDF) - Micro Linear Corporation

ML2252 Datasheet PDF - Micro Linear Corporation
Part # ML2252
Download  ML2252 Download
File Size   202.96 Kbytes
Page   13 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer

ML2252 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2252 Datasheet PDF - Micro Linear Corporation

Part # ML2252
Download  ML2252 Click to download

File Size   202.96 Kbytes
Page   13 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer

ML2252 Datasheet (HTML) - Micro Linear Corporation


ML2252 Product details

GENERAL DESCRIPTION

The ML2252 and ML2259 combine an 8-bit A/D converter, 2- or 8-channel analog multiplexer, and a

microprocessor compatible 8-bit parallel interface and control logic in a single monolithic CMOS device.



FEATURES

■Conversion time (fCLK= 1.46MHz); 6.6µs

■Total unadjusted error; ±1/2LSB or ±1LSB

■No missing codes

■Sample and hold; 390ns acquisition

■Capable of digitizing a 5V, 50kHz sinewave

■2- or 8-channel input multiplexer

■0V to 5V analog input range with single 5V power supply

■Operates ratiometrically or with up to 5V voltage reference

■No zero or full scale adjust required

■Analog input protection; 25mA per input min

■Continuous conversion mode

■Low power dissipation; 15mW max

■TTL and CMOS compatible digital inputs and outputs




Similar Part No. - ML2252

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2252 OKI-ML2252 Datasheet
199Kb / 31P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2252-XXXGA OKI-ML2252-XXXGA Datasheet
623Kb / 36P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results


Similar Description - ML2252

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2258 MICRO-LINEAR-ML2258 Datasheet
169Kb / 12P
關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 TI1-ADC0816_14 Datasheet
541Kb / 19P
ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
8-Bit Compatible A/D Converters with 8-Channel Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com