Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2252 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML2252
Description  關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2252 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML2252 Datasheet HTML 1Page - Micro Linear Corporation ML2252 Datasheet HTML 2Page - Micro Linear Corporation ML2252 Datasheet HTML 3Page - Micro Linear Corporation ML2252 Datasheet HTML 4Page - Micro Linear Corporation ML2252 Datasheet HTML 5Page - Micro Linear Corporation ML2252 Datasheet HTML 6Page - Micro Linear Corporation ML2252 Datasheet HTML 7Page - Micro Linear Corporation ML2252 Datasheet HTML 8Page - Micro Linear Corporation ML2252 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ML2252, ML2259
3
Pin Number
ML2252
ML2259
Name
Function
1
CH3
Analog input 3.
2
CH4
Analog input 4.
3
CH5
Analog input 5.
4
CH6
Analog input 6.
5
CH7
Analog input 7.
2
6
START
Start of conversion. Active high digital input pulse initiates conversion.
3
7
EOC
End of conversion. This output goes low after a START pulse occurs, stays
low for the entire A/D conversion, and goes high after conversion is
completed. Data on DB0–DB7 is valid on rising edge of EOC and stays valid
until next EOC rising edge.
4
8
DB3
Data output 3.
5
9
OE
Output enable input. When OE = 0, DB0–DB7 are in high impedance state;
OE = 1, DB0–DB7 are active outputs.
6
10
CLK
Clock. Clock input provides timing for A/D converter, S/H, and digital
interface.
711
VCC
Positive supply. 5V ±10%.
812
+VREF
Positive reference voltage.
9
13
GND
Ground. 0V, all analog and digital inputs or outputs are referenced to this
point.
10
14
DB1
Data output 1.
11
15
DB2
Data output 2.
12
16
–VREF
Negative reference voltage.
13
17
DB0
Data output 0.
14
18
DB4
Data output 4.
15
19
DB5
Data output 5.
16
20
DB6
Data output 6.
17
21
DB7
Data output 7.
18
22
ALE
Address latch enable. Input to latch in the digital address (ADDR2-0) on the
rising edge of the multiplexer.
23
ADDR2
Address input 2 to multiplexer. Digital input for selecting analog input.
24
ADDR1
Address input 1 to multiplexer. Digital input for selecting analog input.
19
25
ADDR0
Address input 0 to multiplexer. Digital input for selecting analog input.
20
26
CH0
Analog input 0.
1
27
CH1
Analog input 1.
28
CH2
Analog input 2.
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com