Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4662 Datasheet (PDF) - Micro Linear Corporation

ML4662 Datasheet PDF - Micro Linear Corporation
Part # ML4662
Download  ML4662 Download
File Size   239.85 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 10BASE-FL Transceiver

ML4662 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4662 Datasheet PDF - Micro Linear Corporation

Part # ML4662
Download  ML4662 Click to download

File Size   239.85 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 10BASE-FL Transceiver

ML4662 Datasheet (HTML) - Micro Linear Corporation


ML4662 Product details

GENERAL DESCRIPTION
The ML4662 10Base-FL transceiver combined with the ML4622 or ML4624 fiber optic quantizers provides all of the functionality required to implement both an internal and external IEEE 802.3 10Base-FL MAU. The ML4662 offers a standard IEEE 802.3 AU interface that allows it to be directly connected to industry standard manchester encoder/decoder chips or and AUI cable.
The ML4662 provides a highly integrated solution that requires a minimal number of external components, and is compliant to the IEEE 802.3 10Base-FL standard. The transmitter offers a current driven output that directly drives a fiber optic LED transmitter. Jabber, a 1MHz idle signal, and SQE Test are fully integrated onto the chip.
The receiver accepts and ECL level input coming from the ML4622 or ML4624 fiber optic quantizers. The 1MHz idle signal is removed and the AUI output is activated when the receive squelch criteria is exceeded. A Link Monitor function is also provided for low light detection.

FEATURES
■ Combined with the ML4622 or ML4624, offers a
   complete implementation of an 10Base-FL Medium
   Attachment Unit (MAU)
■ Incorporates an AU interface for use in an external
   MAU or an internal MAU
■ Single +5 volt supply ±10%
■ No crystal or clock required
■ On-chip Jabber, 1MHz idle, and SQE Test with enable/disable option
■ Five network status LED outputs




Similar Part No. - ML4662

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4663CQ MICRO-LINEAR-ML4663CQ Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4664CH MICRO-LINEAR-ML4664CH Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4664CQ MICRO-LINEAR-ML4664CQ Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
More results


Similar Description - ML4662

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-4663 HP-HFBR-4663 Datasheet
233Kb / 15P
Single Chip 10BASE-FL Transceiver
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
10BASE-T Transceiver
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4665 MICRO-LINEAR-ML4665 Datasheet
245Kb / 13P
Low Cost Single Chip 10BASE-FL Transceiver
ML4667 MICRO-LINEAR-ML4667 Datasheet
170Kb / 12P
Low Power 10BASE-FL Transceiver
ML4668 MICRO-LINEAR-ML4668 Datasheet
196Kb / 14P
Low Power Single Chip 10BASE-FL Transceiver
logo
TDK Electronics
78Q2132 TDK-78Q2132 Datasheet
172Kb / 36P
1/10BASE-T HomePNA/Ethernet Transceiver
logo
Motorola, Inc
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
IEEE 802.3 10BASE-T TRANSCEIVER
logo
PCA ELECTRONICS INC.
EPE6087AS PCA-EPE6087AS Datasheet
24Kb / 1P
10Base-T Transceiver Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com