Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4662 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4662
Description  10BASE-FL Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4662 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4662 Datasheet HTML 1Page - Micro Linear Corporation ML4662 Datasheet HTML 2Page - Micro Linear Corporation ML4662 Datasheet HTML 3Page - Micro Linear Corporation ML4662 Datasheet HTML 4Page - Micro Linear Corporation ML4662 Datasheet HTML 5Page - Micro Linear Corporation ML4662 Datasheet HTML 6Page - Micro Linear Corporation ML4662 Datasheet HTML 7Page - Micro Linear Corporation ML4662 Datasheet HTML 8Page - Micro Linear Corporation ML4662 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 1997
ML4662
10BASE-FL Transceiver
GENERAL DESCRIPTION
The ML4662 10Base-FL transceiver combined with the
ML4622 or ML4624 fiber optic quantizers provides all of
the functionality required to implement both an internal
and external IEEE 802.3 10Base-FL MAU. The ML4662
offers a standard IEEE 802.3 AU interface that allows it to
be directly connected to industry standard manchester
encoder/decoder chips or and AUI cable.
The ML4662 provides a highly integrated solution that
requires a minimal number of external components, and is
compliant to the IEEE 802.3 10Base-FL standard. The
transmitter offers a current driven output that directly
drives a fiber optic LED transmitter. Jabber, a 1MHz idle
signal, and SQE Test are fully integrated onto the chip.
The receiver accepts and ECL level input coming from the
ML4622 or ML4624 fiber optic quantizers. The 1MHz idle
signal is removed and the AUI output is activated when
the receive squelch criteria is exceeded. A Link Monitor
function is also provided for low light detection.
FEATURES
s
Combined with the ML4622 or ML4624, offers a
complete implementation of an 10Base-FL Medium
Attachment Unit (MAU)
s
Incorporates an AU interface for use in an external
MAU or an internal MAU
s
Single +5 volt supply
±10%
s
No crystal or clock required
s
On-chip Jabber, 1MHz idle, and SQE Test with enable/
disable option
s
Five network status LED outputs
BLOCK DIAGRAM
1
RECEIVE SQUELCH
FREQUENCY
LINE
RECEIVER
LED
DRIVERS
LOOPBACK
MUX
AUI
DRIVER
AUI
DRIVER
10MHz GATED
OSCILLATOR
SQE
1MHz
IDLE
SIGNAL
Tx
SQUELCH
AUI
RECEIVER
JABBER
SQEN/JABD
VCCTx
(+5V)
+5V
RTSET
NC/PEAK
TxOUT
LMONIN
RxIN+
RxIN–
BIAS
LBDIS
RRSET
+5V
VCC
(+5V)
GND
Rx–
Rx+
COL–
COL+
Tx–
Tx+
Tx
Rx
23
13
8
5
CLSN
1
JAB
28
RCV
16
XMT
15
LMON
24
27
25
26
22
18
19
12
17
4
10
11
2
3
6
7
FIBER OPTIC
LED DRIVER
Please
See ML466
7 for New
Designs


Similar Part No. - ML4662

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4663CQ MICRO-LINEAR-ML4663CQ Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4664CH MICRO-LINEAR-ML4664CH Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4664CQ MICRO-LINEAR-ML4664CQ Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
More results

Similar Description - ML4662

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-4663 HP-HFBR-4663 Datasheet
233Kb / 15P
Single Chip 10BASE-FL Transceiver
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
10BASE-T Transceiver
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
ML4665 MICRO-LINEAR-ML4665 Datasheet
245Kb / 13P
Low Cost Single Chip 10BASE-FL Transceiver
ML4667 MICRO-LINEAR-ML4667 Datasheet
170Kb / 12P
Low Power 10BASE-FL Transceiver
ML4668 MICRO-LINEAR-ML4668 Datasheet
196Kb / 14P
Low Power Single Chip 10BASE-FL Transceiver
logo
TDK Electronics
78Q2132 TDK-78Q2132 Datasheet
172Kb / 36P
1/10BASE-T HomePNA/Ethernet Transceiver
logo
Motorola, Inc
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
IEEE 802.3 10BASE-T TRANSCEIVER
logo
PCA ELECTRONICS INC.
EPE6087AS PCA-EPE6087AS Datasheet
24Kb / 1P
10Base-T Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com