Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4818 Datasheet (PDF) - Micro Linear Corporation

ML4818 Datasheet PDF - Micro Linear Corporation
Part # ML4818
Download  ML4818 Download
File Size   230.68 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Phase Modulation/Soft Switching Controller

ML4818 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4818 Datasheet PDF - Micro Linear Corporation

Part # ML4818
Download  ML4818 Click to download

File Size   230.68 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Phase Modulation/Soft Switching Controller

ML4818 Datasheet (HTML) - Micro Linear Corporation


ML4818 Product details

GENERAL DESCRIPTION

The ML4818 is a complete phase modulation control IC suitable for full bridge soft switching converters. Unlike conventional PWM circuits, the phase modulation technique allows for zero-voltage switching transitions and square wave drive across the transformer. The IC modulates the phases of the two sides of the bridge to control output power.

The ML4818 can be operated in current mode. The delay times for the outputs are externally programmable to allow the zero-voltage switching transitions to take place.

Pulse-by-pulse current limit, integrating fault detection, and soft start reset are provided. The under-voltage lockout circuit features a 6V hysteresis with a low starting current to allow off-line start up with a low power bleed resistor. A shutdown function powers down the IC, putting it into a low quiescent state.



FEATURES

■ Full bridge phase modulation zero voltage switching circuit with programmable ZV transition times

■ Constant frequency operation to 500kHz

■ Current mode operation

■ Cycle-by-cycle current limiting with integrating fault detection and restart delay

■ Precision buffered 5V reference (+1%)

■ Four 1.5A peak current totem-pole output drivers

■ Under-voltage lockout circuit with 6V hysteresis

■ Power DIP package allows higher dissipation

* Some Packages Are Obsolete)



 




Similar Part No. - ML4818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4818 FAIRCHILD-ML4818 Datasheet
92Kb / 13P
Phase Modulation/Soft Switching Controller
ML4818CP FAIRCHILD-ML4818CP Datasheet
92Kb / 13P
Phase Modulation/Soft Switching Controller
More results


Similar Description - ML4818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4818 FAIRCHILD-ML4818 Datasheet
92Kb / 13P
Phase Modulation/Soft Switching Controller
logo
Micro Linear Corporatio...
ML4828 MICRO-LINEAR-ML4828 Datasheet
187Kb / 11P
BiCMOS Phase Modulation/Soft Switching Controller
logo
Mitel Networks Corporat...
SA866AE MITEL-SA866AE Datasheet
1Mb / 24P
3-PHASE PULSE WIDTH MODULATION ENGINE
logo
List of Unclassifed Man...
ATLD201V1 ETC2-ATLD201V1 Datasheet
41Kb / 5P
Dual Mode 30MHz Modulation Laser Controller
logo
Linear Technology
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
logo
KODENSHI_AUK CORP.
PS117E-1 KODENSHI-PS117E-1 Datasheet
146Kb / 2P
Exterior light endure by phase-modulation
PS119E-1 KODENSHI-PS119E-1 Datasheet
138Kb / 2P
Exterior light endure by phase-modulation
PS122GD4-A KODENSHI-PS122GD4-A Datasheet
155Kb / 2P
Exterior light endure by phase-modulation
PS133GD1 KODENSHI-PS133GD1 Datasheet
160Kb / 2P
Exterior light endure by phase-modulation
PS181EL1-S KODENSHI-PS181EL1-S Datasheet
178Kb / 2P
Exterior light endure by phase-modulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com