Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4828 Datasheet (PDF) - Micro Linear Corporation

ML4828 Datasheet PDF - Micro Linear Corporation
Part # ML4828
Download  ML4828 Download
File Size   187.73 Kbytes
Page   11 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description BiCMOS Phase Modulation/Soft Switching Controller

ML4828 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4828 Datasheet PDF - Micro Linear Corporation

Part # ML4828
Download  ML4828 Click to download

File Size   187.73 Kbytes
Page   11 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description BiCMOS Phase Modulation/Soft Switching Controller

ML4828 Datasheet (HTML) - Micro Linear Corporation


ML4828 Product details

GENERAL DESCRIPTION

The ML4828 is a complete BiCMOS phase modulation control IC suitable for full bridge soft switching converters. Unlike conventional PWM circuits, the phase modulation technique allows for zero voltage switching (ZVS) transitions and square wave drive across the transformer. The IC modulates the phases of the two sides of the bridge to control output power.

The ML4828 can be operated in either voltage or current mode. Both cycle-by-cycle current limit, integrating fault detection, and soft start reset are provided. The under voltage lockout circuit features a 1.5V hysteresis with a low starting current to allow off-line start up with a bleed resistor. A shutdown function powers down the IC, putting it into a low quiescent state.



FEATURES

■ 5V BiCMOS for low power and high frequency (1MHz) operation

■ Full bridge phase modulation zero voltage switching circuit with independent programmable delay times

■ Current or voltage mode operation capability

■ Cycle-by-cycle current limiting with integrating fault detection and restart delay

■ Can be externally synchronized

■ Four 3Ω CMOS output drivers

■ Under-voltage lockout circuit with 1.5V hysteresis



 




Similar Part No. - ML4828

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4821 FAIRCHILD-ML4821 Datasheet
106Kb / 12P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4821 MICRO-LINEAR-ML4821 Datasheet
177Kb / 12P
Power Factor Controller
logo
Fairchild Semiconductor
ML4821CP FAIRCHILD-ML4821CP Datasheet
106Kb / 12P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4821CP MICRO-LINEAR-ML4821CP Datasheet
177Kb / 12P
Power Factor Controller
logo
Fairchild Semiconductor
ML4821CS FAIRCHILD-ML4821CS Datasheet
106Kb / 12P
Power Factor Controller
More results


Similar Description - ML4828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
BiCMOS Advanced Phase Shift PWM Controller
logo
Fairchild Semiconductor
ML4818 FAIRCHILD-ML4818 Datasheet
92Kb / 13P
Phase Modulation/Soft Switching Controller
logo
Micro Linear Corporatio...
ML4818 MICRO-LINEAR-ML4818 Datasheet
230Kb / 12P
Phase Modulation/Soft Switching Controller
logo
Texas Instruments
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
BiCMOS Advanced Phase-Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com