Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4828 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4828
Description  BiCMOS Phase Modulation/Soft Switching Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4828 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4828 Datasheet HTML 1Page - Micro Linear Corporation ML4828 Datasheet HTML 2Page - Micro Linear Corporation ML4828 Datasheet HTML 3Page - Micro Linear Corporation ML4828 Datasheet HTML 4Page - Micro Linear Corporation ML4828 Datasheet HTML 5Page - Micro Linear Corporation ML4828 Datasheet HTML 6Page - Micro Linear Corporation ML4828 Datasheet HTML 7Page - Micro Linear Corporation ML4828 Datasheet HTML 8Page - Micro Linear Corporation ML4828 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ML4828
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
PHASE MODULATOR
EAO Zero Duty Cycle Threshold
VRT = 0V
0
0.5
0.9
V
RAMP Delay to Output
50
80
ns
RAMP Discharge Current
48
95
mA
SOFT-START
Charge Current
VSS = 4V
–25
–50
µA
Discharge Current
VSS = 1V
6
10
13.2
mA
CURRENT LIMIT/SHUTDOWN
Current Limit Threshold
0.9
1.0
1.1
V
Pin 20 Delay to Output
(Note 1)
50
ns
Pin 12 Shutdown Threshold
1.0
1.1
1.5
V
Pin 12 Restart Threshold
2.2
2.4
2.6
V
Pin 12 Charging Current
–350
–460
–550
µA
SDN Shutdown Threshold
1.05
1.6
2.05
V
OUTPUT
Output Low Level
IOUT = 20 mA
0.01
0.1
V
IOUT = 100 mA
0.1
0.3
V
Output High Level
IOUT = –20 mA
4.9
4.95
V
IOUT = –100 mA
4.6
4.7
V
Rise/Fall Time
CL = 1000pF, (Note 1)
5
7
ns
ZVS Programmable Delay
240
280
315
ns
Delay Mismatch
0ns
RA/RB Reference Voltage
2.45
2.5
2.55
V
UNDER VOLTAGE LOCKOUT
Start Threshold
5.1
5.85
6.6
V
Stop Threshold
4.1
4.2
4.3
V
SUPPLY
Start Up Current
VCC < 6V
0.6
1
mA
Shutdown Current
100
500
µA
ICC
VCC = 5V, CL = 1000pF, TA = 25°C5
7
mA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: VCC must be brought above the UVLO start voltage (6V) before dropping to VCC = 5V to ensure start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com