Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4828 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4828
Description  BiCMOS Phase Modulation/Soft Switching Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4828 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4828 Datasheet HTML 1Page - Micro Linear Corporation ML4828 Datasheet HTML 2Page - Micro Linear Corporation ML4828 Datasheet HTML 3Page - Micro Linear Corporation ML4828 Datasheet HTML 4Page - Micro Linear Corporation ML4828 Datasheet HTML 5Page - Micro Linear Corporation ML4828 Datasheet HTML 6Page - Micro Linear Corporation ML4828 Datasheet HTML 7Page - Micro Linear Corporation ML4828 Datasheet HTML 8Page - Micro Linear Corporation ML4828 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ML4828
PIN DESCRIPTION
PIN
NAME
DESCRIPTION
1RA
A1 and A2 delay programming
resistor.
2RB
B1 and B2 delay programming
resistor .
3RT
Oscillator charge current
programming resistor.
4CT
Oscillator timing capacitor.
5
REF
2.5V reference voltage.
6
SYNC
Synchronization input to oscillator.
7
SS
Soft start capacitor connection.
8
EAO
Error amplifier output.
9
EA-
Error amplifier inverting input.
10
EA+
Error amplifier non-inverting input.
PIN CONNECTION
PIN
NAME
DESCRIPTION
11
RAMP
RC network for phase modulator
ramp input.
12
RST
RC network for reset and integrating
fault detect.
13
B2
B2 driver output.
14
VCC
Power supply
15
B1
B1 driver output.
16
A2
A2 driver output.
17
GND
Ground.
18
A1
A1 driver output.
19
SHDN
Active low device shutdown.
20
ILIMIT
Current limit control input
ML4828
20-Pin DIP (P20)
20-Pin SOIC (S20)
RA
RB
RT
CT
REF
SYNC
SS
EA0
EA–
EA+
ILIM
SDN
A1
GND
A2
B1
VCC
B2
RST
RAMP
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com