Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4823 Datasheet (PDF) - Micro Linear Corporation

ML4823 Datasheet PDF - Micro Linear Corporation
Part # ML4823
Download  ML4823 Download
File Size   578.38 Kbytes
Page   9 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Frequency Power Supply Controller

ML4823 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4823 Datasheet PDF - Micro Linear Corporation

Part # ML4823
Download  ML4823 Click to download

File Size   578.38 Kbytes
Page   9 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Frequency Power Supply Controller

ML4823 Datasheet (HTML) - Micro Linear Corporation


ML4823 Product details

GENERAL DESCRIPTION
The ML4823 High Frequency PWM Controller is an IC controller optimized for use in Switch Mode Power Supply designs running at frequencies to 1MHz. Propagation delays are minimal through the comparators and logic for reliable high frequency operation while slew rate and bandwidth are maximized on the error amplifier. This controller is designed for single-ended applications using voltage or current mode and provides for input voltage feed forward.
A 1V threshold current limit comparator provides cycle by-cycle current limit and exceeding a 1.4V threshold initiates a soft-start cycle. The soft start pin doubles as a maximum duty cycle clamp. All logic is fully latched to provide jitter-free operation and prevent multiple pulsing. An under-voltage lockout circuit with 800mV of hysteresis assures low startup current and drives the outputs low during fault conditions.
This controller is an improved second source for the UC3823 controller; however, the ML4823 includes features not found on the 3823. These features are set in italics.

FEATURES
■ Practical operation at switching frequencies to 1.0MHz
■ High current (2A peak) totem pole output
■ Wide bandwidth error amplifier
■ Fully latched logic with double pulse suppression
■ Pulse-by-pulse current limiting
■ Soft start and max. duty cycle control
■ Under voltage lockout with hysteresis
■ 5.1V trimmed bandgap reference
■ Low start-up current (1.1mA)
■ Pin compatible improved replacement for UC3823
■ Fast shut down path from current limit to output
■ Soft start latch ensures full soft start cycle
■ Outputs pull low for undervoltage lockout




Similar Part No. - ML4823

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4823 FAIRCHILD-ML4823 Datasheet
121Kb / 9P
High Frequency Power Supply Controller
ML4823CP FAIRCHILD-ML4823CP Datasheet
121Kb / 9P
High Frequency Power Supply Controller
ML4823CQ FAIRCHILD-ML4823CQ Datasheet
121Kb / 9P
High Frequency Power Supply Controller
ML4823CS FAIRCHILD-ML4823CS Datasheet
121Kb / 9P
High Frequency Power Supply Controller
ML4823IQ FAIRCHILD-ML4823IQ Datasheet
121Kb / 9P
High Frequency Power Supply Controller
More results


Similar Description - ML4823

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4823 FAIRCHILD-ML4823 Datasheet
121Kb / 9P
High Frequency Power Supply Controller
logo
Micro Linear Corporatio...
ML4810 MICRO-LINEAR-ML4810 Datasheet
165Kb / 12P
High Frequency Power Supply Controller
ML4825 MICRO-LINEAR-ML4825 Datasheet
172Kb / 9P
High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
High frequency switching power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
High frequency switching power supply
BDW94C JSMC-BDW94C Datasheet
227Kb / 5P
High frequency switching power supply
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
High frequency switch power supply
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
High frequency switch power supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com