Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4825 Datasheet (PDF) - Micro Linear Corporation

ML4825 Datasheet PDF - Micro Linear Corporation
Part # ML4825
Download  ML4825 Download
File Size   172.58 Kbytes
Page   9 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Frequency Power Supply Controller

ML4825 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4825 Datasheet PDF - Micro Linear Corporation

Part # ML4825
Download  ML4825 Click to download

File Size   172.58 Kbytes
Page   9 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Frequency Power Supply Controller

ML4825 Datasheet (HTML) - Micro Linear Corporation


ML4825 Product details

GENERAL DESCRIPTION

The ML4825 High Frequency PWM Controller is an IC controller optimized for use in Switch Mode Power Supply designs running at frequencies to 1MHz. Propagation delays are minimal through the comparators and logic for reliable high frequency operation while slew rate and bandwidth are maximized on the error amplifier. This controller is designed to work in either voltage or current mode and provides for input voltage feed forward.

A 1V threshold current limit comparator provides cycle by-cycle current limit while exceeding a 1.4V threshold initiates a soft-start cycle. The soft start pin doubles as a maximum duty cycle clamp. An under-voltage lockout circuit with 800mV of hysteresis assures low startup current and drives the outputs low.

This controller is similar in architecture and performance to the UC1825 controller, however the ML4825 includes many features not found on the 1825. These features are set in Italics.



FEATURES

■ Practical operation at switching frequencies to 1.0MHz

■ High current (2A peak) dual totem pole outputs

■ Wide bandwidth error amplifier

■ Fully latched logic with double pulse suppression

■ Pulse-by-pulse current limiting

■ Soft start and maximum duty cycle control

■ Under voltage lockout with hysteresis

■ Precision trimmed 5.1V bandgap reference

■ Pin compatible improved replacement for UC1825

■ Fast shut down path from current limit to outputs

■ Outputs preset to known condition after under voltage lockout

■ Soft start latch ensures full soft start cycle

■ Outputs pull low for undervotage lockout



 




Similar Part No. - ML4825

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4821 FAIRCHILD-ML4821 Datasheet
106Kb / 12P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4821 MICRO-LINEAR-ML4821 Datasheet
177Kb / 12P
Power Factor Controller
logo
Fairchild Semiconductor
ML4821CP FAIRCHILD-ML4821CP Datasheet
106Kb / 12P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4821CP MICRO-LINEAR-ML4821CP Datasheet
177Kb / 12P
Power Factor Controller
logo
Fairchild Semiconductor
ML4821CS FAIRCHILD-ML4821CS Datasheet
106Kb / 12P
Power Factor Controller
More results


Similar Description - ML4825

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4823 FAIRCHILD-ML4823 Datasheet
121Kb / 9P
High Frequency Power Supply Controller
logo
Micro Linear Corporatio...
ML4810 MICRO-LINEAR-ML4810 Datasheet
165Kb / 12P
High Frequency Power Supply Controller
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
High frequency switching power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
High frequency switching power supply
BDW94C JSMC-BDW94C Datasheet
227Kb / 5P
High frequency switching power supply
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
High frequency switch power supply
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
High frequency switch power supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com