Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6510 Datasheet (PDF) - Micro Linear Corporation

ML6510 Datasheet PDF - Micro Linear Corporation
Part # ML6510
Download  ML6510 Download
File Size   603.93 Kbytes
Page   18 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Series Programmable Adaptive Clock Manager (PACMan??

ML6510 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML6510 Datasheet PDF - Micro Linear Corporation

Part # ML6510
Download  ML6510 Click to download

File Size   603.93 Kbytes
Page   18 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Series Programmable Adaptive Clock Manager (PACMan??

ML6510 Datasheet (HTML) - Micro Linear Corporation


ML6510 Product details

GENERAL DESCRIPTION
The ML6510 (Super PACMan™) is a Programmable Adaptive Clock Manager which offers an ideal solution for managing high speed synchronous clock distribution in next generation, high speed personal computer and workstation system designs. It provides eight channels of deskew buffers that adaptively compensate for clock skew using only a single trace. The input clock can be either TTL or PECL, selected by a bit in the control register. Frequency multiplication or division is possible using the M&N divider ratio, within the maximum frequency limit. 0.5X, 1X, 2X and 4X clocks can be easily realized.

FEATURES
■ Input clocks can be either TTL or PECL with low input to output clock phase error
■ 8 independent, automatically deskewed clock outputs with up to 5ns of on-board deskew range (10ns round trip)
■ Controlled edge rate TTL-compatible CMOS clock outputs capable of driving 40Ω PCB traces
■ 10 to 80MHz (6510-80) or 10 to 130MHz (6510-130) input and output clock frequency range
■ Less than 500ps skew between inputs at the device loads
■ Small-swing reference clock outputs for minimizing part-to-part skew
■ Frequency multiplication or division is possible using the M&N divider ratio
■ Lock output indicates PLL and deskew buffer lock
■ Test mode operation allows PLL and deskew buffer bypass for board debug
■ Supports industry standard processors like Pentium,™ Mips, SPARC,™ PowerPC,™ Alpha,™ etc.




Similar Part No. - ML6510

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6516244 MICRO-LINEAR-ML6516244 Datasheet
253Kb / 12P
16-Bit Buffer/Line Driver with 3-State Outputs
ML6516244CR MICRO-LINEAR-ML6516244CR Datasheet
253Kb / 12P
16-Bit Buffer/Line Driver with 3-State Outputs
ML6516244CT MICRO-LINEAR-ML6516244CT Datasheet
253Kb / 12P
16-Bit Buffer/Line Driver with 3-State Outputs
ML6518 MICRO-LINEAR-ML6518 Datasheet
205Kb / 8P
18 Line Hot-Insertable Active SCSI Terminator
ML6518CH MICRO-LINEAR-ML6518CH Datasheet
205Kb / 8P
18 Line Hot-Insertable Active SCSI Terminator
More results


Similar Description - ML6510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2915 TI-UCC2915 Datasheet
67Kb / 5P
15V Programmable Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
15V Programmable Hot Swap Power Manager
logo
Summit Microelectronics...
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
Seven-Channel Programmable DC-DC Power Manager
logo
Texas Instruments
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
logo
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
logo
Texas Instruments
UCC39151 TI1-UCC39151_11 Datasheet
157Kb / 8P
15-V PROGRAMMABLE HOT AWAP POWER MANAGER
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
Digital Clock Manager
logo
Renesas Technology Corp
PCM4L RENESAS-PCM4L Datasheet
2Mb / 38P
PTP Clock Manager for Linux
Rev.1.01 Sep.28.21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com