Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB119 Datasheet (PDF) - Summit Microelectronics, Inc.

SMB119 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMB119
Download  SMB119 Download
File Size   558.08 Kbytes
Page   34 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Seven-Channel Programmable DC-DC Power Manager

SMB119 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB119 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMB119
Download  SMB119 Click to download

File Size   558.08 Kbytes
Page   34 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Seven-Channel Programmable DC-DC Power Manager

SMB119 Datasheet (HTML) - Summit Microelectronics, Inc.


SMB119 Product details

INTRODUCTION
The SMB119 is a highly integrated and flexible seven-channel power manager designed for use in a wide range of portable applications. The built-in digital programmability allows system designers to custom tailor the device to suit almost any multi-channel power supply application from digital camcorders to mobile phones.

FEATURES & APPLICATIONS
• Digital programming of all major parameters via I2C interface and non-volatile memory
    o Output voltage setpoint/margining
    o Sequencing & digital soft start
    o Enable/Disable outputs independently
    o Input/Output UV/OV voltage thresholds
    o PWM/PFM mode
• Seven programmable regulator channels with 1.5% accuracy
    o Three synchronous step-down (buck) with internal PFETs
    o Two step-up (boost)
    o One configurable step-up (boost) or step-down (buck)
    o One adjustable output voltage LDO
• +2.7V to +6.0V Input Range (Higher system voltages supported)
• Built-in current limiting, UV/OV, and thermal protection
• Highly accurate reference and output voltage (<1.5%)
• 1MHz PWM frequency and automatic power-saving PFM mode
• 96 bytes of user configurable nonvolatile memory
• Space-saving 7x7 QFN-48 package

Applications
• Portable Media Players
• Digital camcorders/still cameras
• Smart PDA/Camera phones
• Handheld GPS/PDAs
• Portable Equipment




Similar Part No. - SMB119

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB11 LITEON-SMB11 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB11 MIC-SMB11 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB11 LUGUANG-SMB11 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB110 LITEON-SMB110 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB110 MIC-SMB110 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMB119

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB118 SUMMIT-SMB118 Datasheet
132Kb / 1P
Seven-Channel Programmable DC-DC Power Manager with Battery Charger
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB122 SUMMIT-SMB122 Datasheet
143Kb / 1P
Nine-Channel Programmable DC-DC Power Manager with Battery Charger
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
Five Channel Programmable DC-DC System Power Manager
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
High-power, Three-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
High-power, Three-channel Programmable DC-DC System Power Managers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com