Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB113A Datasheet (PDF) - Summit Microelectronics, Inc.

SMB113A Datasheet PDF - Summit Microelectronics, Inc.
Part # SMB113A
Download  SMB113A Download
File Size   719.55 Kbytes
Page   32 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description High-power, Four-channel Programmable DC-DC System Power Managers

SMB113A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB113A Datasheet PDF - Summit Microelectronics, Inc.

Part # SMB113A
Download  SMB113A Click to download

File Size   719.55 Kbytes
Page   32 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description High-power, Four-channel Programmable DC-DC System Power Managers

SMB113A Datasheet (HTML) - Summit Microelectronics, Inc.


SMB113A Product details

INTRODUCTION

The SMB113A/B and SMB117/A are highly integrated and flexible four-channel power managers designed for use in a wide range of applications. The built-in digital programmability allows system designers to custom tailor the device to suit almost any multi-channel power supply application from digital camcorders to set-top boxes. Complete with a user friendly GUI, all programmable settings, including output voltages and input/output voltage monitoring, can be customized with ease.

The SMB113A/B and SMB117/A integrate all the essential blocks required to implement a complete four-channel power subsystem consisting of four synchronous step-down “buck” controllers. Additionally sophisticated power control/monitoring functions required by complex systems are built-in. These

include digitally programmable output voltage set point, power up/down sequencing, enable/disable, dynamic voltage management and UV/OV monitoring on all channels.



• Digital programming of all major parameters via I2C interface and non-volatile memory

  •  Output voltage set point

  •  Input/battery voltage monitoring

  •  Output power-up/down sequencing

  •  Digital soft-start and output slew rate

  •  Dynamic voltage control of all outputs

  •  UV/OV monitoring of all outputs

  •  Enable/Disable outputs independently

• User friendly Graphical User Interface (GUI)

• Four synchronous step-down output channels

• Integrated RESET monitor

• +2.7V to +6.0V Input Range

• Highly accurate output voltage: <1.5%

• Factory programmable dead times

• 0% to 100% Duty Cycle operation

• Undervoltage Lockout (UVLO) with hysteresis

• 250kHz (SMB117A), 400kHz (SMB117), 800kHz (SMB113A), 1MHz (SMB113B) operating frequency

• 96 bytes of user configurable nonvolatile memory



Applications

• Car & Marine Navigation Systems

• Set-top Boxes

• TVs

• DDR Memory

• Mobile Computing/PDAs

• Office Equipment

• DMB Systems

FEATURES & APPLICATIONS




Similar Part No. - SMB113A

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
More results


Similar Description - SMB113A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
Five Channel Programmable DC-DC System Power Manager
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
Seven-Channel Programmable DC-DC Power Manager
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
High-power, Three-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
High-power, Three-channel Programmable DC-DC System Power Managers
logo
Texas Instruments
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com