Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB113 Datasheet (PDF) - Summit Microelectronics, Inc.

SMB113 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMB113
Download  SMB113 Download
File Size   128.47 Kbytes
Page   1 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Four Channel Programmable DC-DC System Power Manager

SMB113 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB113 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMB113
Download  SMB113 Click to download

File Size   128.47 Kbytes
Page   1 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Four Channel Programmable DC-DC System Power Manager

SMB113 Datasheet (HTML) - Summit Microelectronics, Inc.


SMB113 Product details

INTRODUCTION

The SMB113 is a highly integrated and flexible four-channel power manager designed for use in a wide range of portable

applications. The built-in digital programmability allows system designers to custom tailor the device to suit almost any multi channel power supply application from digital camcorders to mobile phones. Complete with a user friendly GUI, all programmable settings including output voltages and input/output voltage monitoring can be customized with ease.



FEATURES & APPLICATIONS

• Digital programming of all major parameters via I2C interface and non-volatile memory

  o Output voltage set point

  o Input/Battery voltage monitoring

  o Output power-up/down sequencing

  o Digital soft-start and output slew rate

  o Output voltage margining

  o UV/OV monitoring of all outputs

  o Enable/Disable outputs independently

• User friendly Graphical User Interface (GUI)

• Four synchronous step-down (buck) output channels

• +2.7V to +6.0V Input Range

• Highly accurate reference and output voltage (<0.5%) with Active DC Output Control (ADOC™) technology

• Undervoltage Lockout (UVLO) with hysteresis

• 800 kHz operating frequency

• 96 bytes of user configurable nonvolatile memory



Applications

• Digital camcorders/still cameras

• Portable DVD/MP3/GPS

• Camera/smart phones

• Mobile Computing/PDA’s

• Consumer battery-operated equipment




Similar Part No. - SMB113

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB113B SUMMIT-SMB113B Datasheet
719Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB113B SUMMIT-SMB113B Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
More results


Similar Description - SMB113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB118 SUMMIT-SMB118 Datasheet
132Kb / 1P
Seven-Channel Programmable DC-DC Power Manager with Battery Charger
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB122 SUMMIT-SMB122 Datasheet
143Kb / 1P
Nine-Channel Programmable DC-DC Power Manager with Battery Charger
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
Five Channel Programmable DC-DC System Power Manager
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
Seven-Channel Programmable DC-DC Power Manager
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
logo
Texas Instruments
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com