Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28F004B3 Datasheet (PDF) - Micron Technology

MT28F004B3 Datasheet PDF - Micron Technology
Part # MT28F004B3
Download  MT28F004B3 Download
File Size   428.77 Kbytes
Page   30 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F004B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28F004B3 Datasheet PDF - Micron Technology

Part # MT28F004B3
Download  MT28F004B3 Click to download

File Size   428.77 Kbytes
Page   30 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F004B3 Datasheet (HTML) - Micron Technology


MT28F004B3 Product details

GENERAL DESCRIPTION
The MT28F004B3 (x8) and MT28F400B3 (x16/x8) are nonvolatile, electrically block-erasable (flash), programmable memory devices containing 4,194,304 bits organized as 262,144 words (16 bits) or 524,288 bytes (8 bits). Writing or erasing the device is done with either a 3.3V or 5V VPP voltage, while all operations are performed with a 3.3V VCC. Due to process technology advances, 5V VPP is optimal for application and production programming. These devices are fabricated with Micron’s advanced 0.18µm CMOS floating-gate process.
The MT28F004B3 and MT28F400B3 are organized into seven separately erasable blocks. To ensure that critical firmware is protected from accidental erasure or overwrite, the devices feature a hardware-protected boot block. Writing or erasing the boot block requires either applying a super-voltage to the RP# pin or driving WP# HIGH in addition to executing the normal write or erase sequences. This block may be used to store code implemented in low-level system recovery. The remaining blocks vary in density and are written and erased with no additional security measures.

FEATURES
• Seven erase blocks:
   16KB/8K-word boot block (protected)
   Two 8KB/4K-word parameter blocks
   Four main memory blocks
• Smart 3 technology (B3):
   3.3V ±0.3V VCC
   3.3V ±0.3V VPP application programming
   5V ±10% VPP application/production programming1
• Compatible with 0.3µm Smart 3 device
• Advanced 0.18µm CMOS floating-gate process
• Address access time: 80ns
• 100,000 ERASE cycles
• Industry-standard pinouts
• Inputs and outputs are fully TTL-compatible
• Automated write and erase algorithm
• Two-cycle WRITE/ERASE sequence
• Byte- or word-wide READ and WRITE
   (MT28F400B3, 256K x 16/512K x 8)
• Byte-wide READ and WRITE only
   (MT28F004B3, 512K x 8)
• TSOP and SOP packaging options




Similar Part No. - MT28F004B3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
618Kb / 32P
FLASH MEMORY
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
FLASH MEMORY
MT28F004B5-1 MICRON-MT28F004B5-1 Datasheet
618Kb / 32P
FLASH MEMORY
More results


Similar Description - MT28F004B3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
FLASH MEMORY
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
FLASH MEMORY
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com