Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28F008B5 Datasheet (PDF) - Micron Technology

MT28F008B5 Datasheet PDF - Micron Technology
Part # MT28F008B5
Download  MT28F008B5 Download
File Size   1321.48 Kbytes
Page   30 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F008B5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28F008B5 Datasheet PDF - Micron Technology

Part # MT28F008B5
Download  MT28F008B5 Click to download

File Size   1321.48 Kbytes
Page   30 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F008B5 Datasheet (HTML) - Micron Technology


MT28F008B5 Product details

GENERAL DESCRIPTION

The MT28F008B5 (x8) and MT28F800B5 (x16/x8) are nonvolatile, electrically block-erasable (Flash), programmable read-only memories containing 8,388,608 bits organized as 524,288 words (16 bits) or 1,048,576 bytes (8 bits). Writing or erasing the device is done with a 5V VPP voltage, while all operations are performed with a 5V VCC. Due to process technology advances, 5V VPP is optimal for application and production programming. These devices are fabricated with Micron’s advanced 0.18µm CMOS floating-gate process.

The MT28F008B5 and MT28F800B5 are organized into eleven separately erasable blocks. To ensure that critical firmware is protected from accidental erasure or overwrite, the devices feature a hardware-protected boot block. This block may be used to store code implemented in low-level system recovery. The remaining blocks vary in density and are written and erased with no additional security measures.



FEATURES

• Eleven erase blocks:

   16KB/8K-word boot block (protected)

   Two 8KB/4K-word parameter blocks

• Eight main memory blocks

• Smart 5 technology (B5):

   5V ±10% VCC

   5V ±10% VPP application/production programming1

• Advanced 0.18µm CMOS floating-gate process

• Compatible with 0.3µm Smart 5 device

• Address access time: 80ns

• 100,000 ERASE cycles

• Industry-standard pinouts

• Automated write and erase algorithm

• Two-cycle WRITE/ERASE sequence

• TSOP and SOP packaging options

• Byte- or word-wide READ and WRITE

   (MT28F800B5, 1 Meg x 8/512K x 16)



 




Similar Part No. - MT28F008B5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
FLASH MEMORY
MT28F008B3SG-9B MICRON-MT28F008B3SG-9B Datasheet
416Kb / 30P
FLASH MEMORY
MT28F008B3SG-9BET MICRON-MT28F008B3SG-9BET Datasheet
416Kb / 30P
FLASH MEMORY
MT28F008B3SG-9T MICRON-MT28F008B3SG-9T Datasheet
416Kb / 30P
FLASH MEMORY
MT28F008B3SG-9TET MICRON-MT28F008B3SG-9TET Datasheet
416Kb / 30P
FLASH MEMORY
More results


Similar Description - MT28F008B5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
FLASH MEMORY
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
FLASH MEMORY
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com