Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28F160C3 Datasheet (PDF) - Micron Technology

MT28F160C3 Datasheet PDF - Micron Technology
Part # MT28F160C3
Download  MT28F160C3 Download
File Size   341.68 Kbytes
Page   28 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F160C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28F160C3 Datasheet PDF - Micron Technology

Part # MT28F160C3
Download  MT28F160C3 Click to download

File Size   341.68 Kbytes
Page   28 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F160C3 Datasheet (HTML) - Micron Technology


MT28F160C3 Product details

GENERAL DESCRIPTION
The MT28F160C3 is a nonvolatile, electrically blockerasable (flash), programmable, read-only memory containing 16,777,216 bits organized as 1,048,576 words (16 bits).
The MT28F160C3 is manufactured on 0.22µm process technology in a 48-ball FBGA package. The device has an I/O supply of 2.7V (MIN). Programming in production is accomplished by using high voltage which can be supplied on a separate line.

FEATURES
• Thirty-nine erase blocks:
    Eight 4K-word parameter blocks
    Thirty-one 32K-word main memory blocks
• VCC, VCCQ and VPP voltages:
    2.7V–3.3V VCC
    2.7V–3.3V VCCQ*
    1.65V–3.3V and 12V VPP
• Address access times:
    90ns, 110ns at 2.7V–3.3V
• Low power consumption:
    Standby and deep power-down mode < 1µA (typical ICC)
    Automatic power saving feature (APS mode)
• Enhanced WRITE/ERASE SUSPEND (1µs typical)
• 128-bit OTP area for security purposes
• Industry-standard command set compatibility
• Software/hardware block protection




Similar Part No. - MT28F160C3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F160C34 MICRON-MT28F160C34 Datasheet
341Kb / 28P
FLASH MEMORY
More results


Similar Description - MT28F160C3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
FLASH MEMORY
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
FLASH MEMORY
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com