Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28F321P20 Datasheet (PDF) - Micron Technology

MT28F321P20 Datasheet PDF - Micron Technology
Part # MT28F321P20
Download  MT28F321P20 Download
File Size   386.76 Kbytes
Page   35 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F321P20 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28F321P20 Datasheet PDF - Micron Technology

Part # MT28F321P20
Download  MT28F321P20 Click to download

File Size   386.76 Kbytes
Page   35 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F321P20 Datasheet (HTML) - Micron Technology


MT28F321P20 Product details

GENERAL DESCRIPTION
The MT28F321P20 and MT28F321P18 are high-performance, high-density, nonvolatile memory solutions that can significantly improve system performance. This new architecture features a two-memory-bank configuration that supports background operation with no latency.
A high-performance bus interface allows a fast page mode, data transfer; a conventional asynchronous bus interface is provided as well.
The devices allow soft protection for blocks, as read only, by configuring soft protection registers with dedicated command sequences. For security purposes, two 64-bit chip protection registers are provided.

FEATURES
• Flexible dual-bank architecture
   Support for true concurrent operation with zero
      latency
   Read bank a during program bank b and vice
      versa
   Read bank a during erase bank b and vice versa
• Basic configuration:
   Seventy-one erasable blocks
   Bank a (4Mb for data storage)
   Bank b (28Mb for program storage)
• VCC, VCCQ, VPP voltages*
   1.70V (MIN), 1.90V (MAX) VCC, VCCQ
      (MT28F321P18)
   1.80V (MIN), 2.20V (MAX) VCC, VCCQ
      (MT28F321P20)
   0.9V (MIN) VPP (in-system PROGRAM/ERASE)
   12V ±5% (HV) VPP tolerant (factory
      programming compatibility)
• Random access time: 70ns and 80ns @ 1.80V VCC*
• Page Mode read access*
   Eight-word page
   Interpage read access: 70ns/80ns @ 1.80V
   Intrapage read access: 30ns @ 1.80V
• Low power consumption (VCC = 2.20V)
   Asynchronous READ < 15mA
   Standby < 50µA
      Automatic power save (APS) feature
• Enhanced write and erase suspend options
   ERASE-SUSPEND-to-READ within same bank
   PROGRAM-SUSPEND-to-READ within same bank
   ERASE-SUSPEND-to-PROGRAM within same bank
• Dual 64-bit chip protection registers for security
   purposes
• Cross-compatible command support
   Extended command set
   Common flash interface
• PROGRAM/ERASE cycle
   100,000 WRITE/ERASE cycles per block




Similar Part No. - MT28F321P20

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
FLASH MEMORY
MT28F320J3 MICRON-MT28F320J3 Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
MT28F320J3FS-11 MICRON-MT28F320J3FS-11 Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
MT28F320J3FS-11ET MICRON-MT28F320J3FS-11ET Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
MT28F320J3FS-12 MICRON-MT28F320J3FS-12 Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
More results


Similar Description - MT28F321P20

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
FLASH MEMORY
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
FLASH MEMORY
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com