Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28F642D20 Datasheet (PDF) - Micron Technology

MT28F642D20 Datasheet PDF - Micron Technology
Part # MT28F642D20
Download  MT28F642D20 Download
File Size   593.04 Kbytes
Page   51 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F642D20 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28F642D20 Datasheet PDF - Micron Technology

Part # MT28F642D20
Download  MT28F642D20 Click to download

File Size   593.04 Kbytes
Page   51 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F642D20 Datasheet (HTML) - Micron Technology


MT28F642D20 Product details

GENERAL DESCRIPTION
The MT28F642D20 and MT28F642D18 are highperformance, high-density, nonvolatile memory solutions that can significantly improve system performance. This new architecture features a twomemory-bank configuration that supports dual-bank operation with no latency.

FEATURES
• Single device supports asynchronous, page, and burst operations
• Flexible dual-bank architecture
    Support for true concurrent operation with zero latency
    Read bank a during program bank b and vice versa
    Read bank a during erase bank b and vice versa
• Basic configuration:
    One hundred and thirty-five erasable blocks
        Bank a (16Mb for data storage)
        Bank b (48Mb for program storage)
• VCC, VCCQ, VPP voltages
    1.70V (MIN), 1.90V (MAX) VCC, VCCQ (MT28F642D18 only)
    1.80V (MIN), 2.20V (MAX) VCC, and 2.25V (MAX) VCCQ (MT28F642D20 only)
    1.80V (TYP) VPP (in-system PROGRAM/ERASE)
    12V ±5% (HV) VPP tolerant (factory programming compatibility)
• Random access time: 70ns @ 1.80V VCC1
• Burst Mode read access
    MAX clock rate: 54 MHz (tCLK = 18.5ns)
    Burst latency: 70ns @ 1.80V VCC and 54 MHz
    tACLK: 15ns @ 1.80V VCC and 54 MHz
• Page Mode read access1
    Four-/eight-word page
    Interpage read access: 70ns @ 1.80V
    Intrapage read access: 30ns @ 1.80V
• Low power consumption (VCC = 2.20V)
    Asynchronous Read < 15mA
    Interpage Read < 15mA
    Intrapage Read < 5mA
    Continuous Burst Read < 10mA
    WRITE < 55mA (MAX)
    ERASE < 45mA (MAX)
    Standby < 50µA (MAX)
    Automatic power save (APS) feature
    Deep power-down < 25µA (MAX)
• Enhanced write and erase suspend options
• Accelerated programming algorithm (APA) insystem and in-factory
• Dual 64-bit chip protection registers for security purposes
• Cross-compatible command support
    Extended command set
    Common flash interface
• PROGRAM/ERASE cycle
    100,000 WRITE/ERASE cycles per block




Similar Part No. - MT28F642D20

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F640J3 MICRON-MT28F640J3 Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
MT28F640J3FS-11 MICRON-MT28F640J3FS-11 Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
MT28F640J3FS-11ET MICRON-MT28F640J3FS-11ET Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
MT28F640J3FS-12 MICRON-MT28F640J3FS-12 Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
MT28F640J3FS-12ET MICRON-MT28F640J3FS-12ET Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
More results


Similar Description - MT28F642D20

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
FLASH MEMORY
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
FLASH MEMORY
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com