Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT46V32M4 Datasheet (PDF) - Micron Technology

MT46V32M4 Datasheet PDF - Micron Technology
Part # MT46V32M4
Download  MT46V32M4 Download
File Size   154.04 Kbytes
Page   8 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DOUBLE DATA RATE DDR SDRAM

MT46V32M4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT46V32M4 Datasheet PDF - Micron Technology

Part # MT46V32M4
Download  MT46V32M4 Click to download

File Size   154.04 Kbytes
Page   8 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DOUBLE DATA RATE DDR SDRAM

MT46V32M4 Datasheet (HTML) - Micron Technology


MT46V32M4 Product details

GENERAL DESCRIPTION

The 128Mb DDR SDRAM is a high-speed CMOS, dynamic random-access memory containing 134,217,728 bits. It is internally configured as a quad bank DRAM.

The 128Mb DDR SDRAM uses a double data rate architecture to achieve high-speed operation. The double data rate architecture is essentially a 2n-prefetch architecture with an interface designed to transfer two data words per clock cycle at the I/O pins. A single read or write access for the 128Mb DDR SDRAM effectively consists of a single 2n-bit wide, one-clock-cycle data transfer at the internal DRAM core and two corresponding n-bit wide, one-half-clock-cycle data transfers at the I/O pins.



FEATURES

• VDD = +2.5V ±0.2V, VDDQ = +2.5V ±0.2V

• Bidirectional data strobe (DQS) transmitted/received with data, i.e., source-synchronous data capture (x16 has two – one per byte)

• Internal, pipelined double-data-rate (DDR) architecture; two data accesses per clock cycle

• Differential clock inputs (CK and CK#)

• Commands entered on each positive CK edge

• DQS edge-aligned with data for READs; center aligned with data for WRITEs

• DLL to align DQ and DQS transitions with CK

• Four internal banks for concurrent operation

• Data mask (DM) for masking write data (x16 has two – one per byte)

• x16 has programmable IOL/IOH option

• Programmable burst lengths: 2, 4, or 8

• Auto precharge option

• Auto Refresh and Self Refresh Modes

• Longer lead TSOP for improved reliability (OCPL)

• 2.5V I/O (SSTL_2 compatible)



 




Similar Part No. - MT46V32M4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V32M4TG-75 MICRON-MT46V32M4TG-75 Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V32M4TG-75L MICRON-MT46V32M4TG-75L Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V32M4TG-75Z MICRON-MT46V32M4TG-75Z Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V32M4TG-75ZL MICRON-MT46V32M4TG-75ZL Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
More results


Similar Description - MT46V32M4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
DOUBLE DATA RATE DDR SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
DOUBLE DATA RATE DDR SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
DOUBLE DATA RATE (DDR) SDRAM
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
Double Data Rate (DDR) SDRAM
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
Double Data Rate (DDR) SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
Double Data Rate (DDR) SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com