Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5210-1 Datasheet (PDF) - ON Semiconductor

CS5210-1 Datasheet PDF - ON Semiconductor
Part # CS5210-1
Download  CS5210-1 Download
File Size   220.82 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 10 A LDO 3?뭁in Adjustable Linear Regulator

CS5210-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5210-1 Datasheet PDF - ON Semiconductor

Part # CS5210-1
Download  CS5210-1 Click to download

File Size   220.82 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 10 A LDO 3?뭁in Adjustable Linear Regulator

CS5210-1 Datasheet (HTML) - ON Semiconductor


CS5210-1 Product details

10 A LDO 3−Pin Adjustable Linear Regulator

g
The CS5210−1 linear regulator provides 10 A at adjustable voltages from 1.25 V to 4.5 V. This adjustable device requires two external resistors to set the output voltage and provide the minimum load current for proper regulation.
This regulator is intended for use as a post regulator and microprocessor supply. The fast loop response and low dropout voltage make this regulator ideal for applications where low voltage operation and good transient response are important.

Features
• 1.25 V to 4.5 V VOUT at 10 A
• Dropout Voltage < 1.05 V @ 10 A
• 2.0% Trimmed Reference
• Fast Transient Response
• Thermal Shutdown
• Current Limit
• Short Circuit Protection




Similar Part No. - CS5210-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
10A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/12/97
CS5210-1GT3 CHERRY-CS5210-1GT3 Datasheet
142Kb / 8P
10A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/12/97
More results


Similar Description - CS5210-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
7A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
8A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
10A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/12/97
logo
ON Semiconductor
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
logo
Texas Instruments
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com