Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52510-1 Datasheet (PDF) - ON Semiconductor

CS52510-1 Datasheet PDF - ON Semiconductor
Part # CS52510-1
Download  CS52510-1 Download
File Size   262.48 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 10 A LDO 5?뭁in Adjustable Linear Regulator

CS52510-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS52510-1 Datasheet PDF - ON Semiconductor

Part # CS52510-1
Download  CS52510-1 Click to download

File Size   262.48 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 10 A LDO 5?뭁in Adjustable Linear Regulator

CS52510-1 Datasheet (HTML) - ON Semiconductor


CS52510-1 Product details

10 A LDO 5−Pin Adjustable Linear Regulator

This new very low dropout regulator is designed to power the next generation of advanced microprocessor. To achieve very low dropout, the internal pass transistor is powered separately from the control circuitry. Furthermore, with the control and power inputs tied together, this device can be used in single supply configuration and still offer a better dropout voltage than conventional PNP−NPN based LDO regulators. In this mode the dropout is determined by the minimum control voltage.

Features
• 1.25 V to 5.0 V VOUT at 10 A
• VPOWER Dropout < 0.65 V @ 10 A
• VCONTROL Dropout < 1.25 V @ 10 A
• 1.5% Trimmed Reference
• Fast Transient Response
• Remote Voltage Sensing
• Thermal Shutdown
• Current Limit
• Short Circuit Protection
• Backwards Compatible with 3−Pin Regulators




Similar Part No. - CS52510-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
10A LDO 5-Pin Adjustable Linear Regulator
Rev. 3/17/99
CS52510-1GT5 CHERRY-CS52510-1GT5 Datasheet
154Kb / 9P
10A LDO 5-Pin Adjustable Linear Regulator
Rev. 3/17/99
More results


Similar Description - CS52510-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
10A LDO 5-Pin Adjustable Linear Regulator
Rev. 3/17/99
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
3A LDO 5-Pin Adjustable Linear Regulator
Rev. 5/6/99
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
7A LDO 5-Pin Adjustable Linear Regulator
Rev. 4/5/99
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
8A LDO 5-Pin Adjustable Linear Regulator
Rev. 3/17/99
logo
ON Semiconductor
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com