Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT48LC4M4A1 Datasheet (PDF) - Micron Technology

MT48LC4M4A1 Datasheet PDF - Micron Technology
Part # MT48LC4M4A1
Download  MT48LC4M4A1 Download
File Size   1773.48 Kbytes
Page   50 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC4M4A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT48LC4M4A1 Datasheet PDF - Micron Technology

Part # MT48LC4M4A1
Download  MT48LC4M4A1 Click to download

File Size   1773.48 Kbytes
Page   50 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC4M4A1 Datasheet (HTML) - Micron Technology


MT48LC4M4A1 Product details

GENERAL DESCRIPTION
The Micron 16Mb SDRAM is a high-speed CMOS, dynamic random-access memory containing 16,777,216 bits. It is internally configured as a dual memory array (the 4 Meg x 4 is a dual 2 Meg x 4, and the 2 Meg x 8 is a dual 1 Meg x 8) with a synchronous interface (all signals are registered on the positive edge of the clock signal, CLK). Each of the two internal banks is organized with 2,048 rows and either 1,024 columns by 4 bits (4 Meg x 4) or 512 columns by 8 bits (2 Meg x 8).

FEATURES
• PC100-compliant; includes CONCURRENT AUTO PRECHARGE
• Fully synchronous; all signals registered on positive edge of system clock
• Internal pipelined operation; column address can be changed every clock cycle
• Internal banks for hiding row access/precharge
• Programmable burst lengths: 1, 2, 4, 8, or full page
• Auto Precharge and Auto Refresh Modes
• Self Refresh Mode
• 64ms, 4,096-cycle refresh
• LVTTL-compatible inputs and outputs
• Single +3.3V ±0.3V power supply
• Longer lead TSOP for improved reliability (OCPL*)
• One- and two-clock WRITE recovery (tWR) versions




Similar Part No. - MT48LC4M4A1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC4M16A2 MICRON-MT48LC4M16A2 Datasheet
1Mb / 55P
SYNCHRONOUS DRAM
MT48LC4M16A2 MICRON-MT48LC4M16A2 Datasheet
2Mb / 55P
SYNCHRONOUS DRAM
MT48LC4M16A2B4-6AITJ MICRON-MT48LC4M16A2B4-6AITJ Datasheet
3Mb / 83P
SDR SDRAM
MT48LC4M16A2B4-75 MICRON-MT48LC4M16A2B4-75 Datasheet
3Mb / 83P
SDR SDRAM
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
64Mb: x4, x8, x16 SDRAM
More results


Similar Description - MT48LC4M4A1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
SYNCHRONOUS DRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com