Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

46V32M16 Datasheet (PDF) - Micron Technology

46V32M16 Datasheet PDF - Micron Technology
Part # 46V32M16
Download  46V32M16 Download
File Size   2555.98 Kbytes
Page   68 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DOUBLE DATA RATE DDR SDRAM

46V32M16 Datasheet (PDF)

Go To PDF Page Download Datasheet
46V32M16 Datasheet PDF - Micron Technology

Part # 46V32M16
Download  46V32M16 Click to download

File Size   2555.98 Kbytes
Page   68 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DOUBLE DATA RATE DDR SDRAM

46V32M16 Datasheet (HTML) - Micron Technology


46V32M16 Product details

Functional Description
The DDR SDRAM uses a double data rate architecture to achieve high-speed operation. The double data rate architecture is essentially a 2n-prefetch architecture with an interface designed to transfer two data words per clock cycle at the I/O pins. A single read or write access for the DDR SDRAM effectively consists of a single 2n-bit-wide, one-clockcycle data transfer at the internal DRAM core and two corresponding n-bit-wide, onehalf-clock-cycle data transfers at the I/O pins.

Features
• VDD = +2.5V ±0.2V, VDDQ = +2.5V ±0.2V
• VDD = +2.6V ±0.1V, VDDQ = +2.6V ±0.1V (DDR400)
• Bidirectional data strobe (DQS) transmitted/
   received with data, i.e., source-synchronous data
   capture (x16 has two – one per byte)
• Internal, pipelined double-data-rate (DDR)
   architecture; two data accesses per clock cycle
• Differential clock inputs (CK and CK#)
• Commands entered on each positive CK edge
• DQS edge-aligned with data for READs; centeraligned with data for WRITEs
• DLL to align DQ and DQS transitions with CK
• Four internal banks for concurrent operation
• Data mask (DM) for masking write data
   (x16 has two – one per byte)
• Programmable burst lengths: 2, 4, or 8
• Auto refresh
   – 64ms, 8192-cycle(Commercial and industrial)
   – 16ms, 8192-cycle (Automotive)
• Self refresh (not available on AT devices)
• Longer-lead TSOP for improved reliability (OCPL)
• 2.5V I/O (SSTL_2 compatible)
• Concurrent auto precharge option is supported
• tRAS lockout supported (tRAP = tRCD)





Similar Description - 46V32M16

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
DOUBLE DATA RATE DDR SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
DOUBLE DATA RATE DDR SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
DOUBLE DATA RATE (DDR) SDRAM
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
Double Data Rate (DDR) SDRAM
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
Double Data Rate (DDR) SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
Double Data Rate (DDR) SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com