Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT49H8M32 Datasheet (PDF) - Micron Technology

MT49H8M32 Datasheet PDF - Micron Technology
Part # MT49H8M32
Download  MT49H8M32 Download
File Size   652.09 Kbytes
Page   43 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description REDUCED LATENCY DRAM RLDRAM

MT49H8M32 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT49H8M32 Datasheet PDF - Micron Technology

Part # MT49H8M32
Download  MT49H8M32 Click to download

File Size   652.09 Kbytes
Page   43 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description REDUCED LATENCY DRAM RLDRAM

MT49H8M32 Datasheet (HTML) - Micron Technology


MT49H8M32 Product details

General Description
The Micron® 256Mb reduced latency DRAM (RLDRAM®) contains 8 banks x32Mb of memory accessible with 32-bit or 16-bit I/Os in a double data rate (DDR) form at where the data is provided and synchronized with a differential echo clock signal. RLDRAM does not require row/column address multiplexing and is optimized for fast random access and high-speed bandwidth.
RLDRAM is designed for high bandwidth communication data storage—telecommunications, networking, and cache applications, etc.

Features
• Organization 8 Meg x 32, 16 Meg x 16 in 8 banks
• Cyclic bank addressing for maximum data bandwidth
• Non multiplexed addresses
• Non interruptible sequential burst of two (2-bit prefetch) and four (4-bit prefetch) DDR
• Up to 600 Mb/sec/pin data rate
• Programmable READ latency (RL) of 5-6
• Data valid signal (DVLD) activated as read data is available
• Data mask signals (DM0/DM1) to mask first and
• second part of write data burst
• IEEE 1149.1 compliant JTAG boundary scan
• 2.5V VEXT, 1.8V VDD, 1.8V VDDQ I/O
• Pseudo-HSTL 1.8V I/O Supply
• Internal auto precharge
• Refresh requirements: 32ms at 95°C case
   temperature (8K refresh for each bank, 64K refresh
   command must be issued in total each 32ms)
• 144-pin, 11mm x 18.5mm µBGA package




Similar Part No. - MT49H8M32

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
288Mb CIO Reduced Latency
MT49H8M36 MICRON-MT49H8M36 Datasheet
2Mb / 76P
288Mb: x9, x18, x36 2.5V VEXT, 1.8V VDD, HSTL, CIO, RLDRAM II
More results


Similar Description - MT49H8M32

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18RL25632AC INFINEON-HYB18RL25632AC Datasheet
941Kb / 37P
256 Mbit DDR Reduced Latency DRAM
V1.60 July 2003
logo
Micron Technology
MT49H16M18C MICRON-MT49H16M18C Datasheet
1Mb / 44P
288Mb SIO REDUCED LATENCY(RLDRAM II)
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
288Mb CIO Reduced Latency
logo
Renesas Technology Corp
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
288M-BIT Low Latency DRAM
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
288M-BIT Low Latency DRAM
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
576M-BIT Low Latency DRAM
logo
GSI Technology
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
576Mb CIO Low Latency DRAM (LLDRAM II)
logo
Renesas Technology Corp
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com