Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52149 Datasheet (PDF) - Micropac Industries

52149 Datasheet PDF - Micropac Industries
Part # 52149
Download  52149 Download
File Size   112.27 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description NEGATIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR

52149 Datasheet (PDF)

Go To PDF Page Download Datasheet
52149 Datasheet PDF - Micropac Industries

Part # 52149
Download  52149 Click to download

File Size   112.27 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description NEGATIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR

52149 Datasheet (HTML) - Micropac Industries


52149 Product details

DESCRIPTION
The 52149/52174, which is a replacement for the 79HG, is an adjustable 4-terminal voltage regulator capable of supplying in excess of 5 A over a –24 V to -2.55 V output range. This Hybrid Voltage Regulator has been designed with all the inherent characteristics of the monolithic 4-terminal regulator; i.e., full thermal overload and short circuit protection. It is packaged in a hermetically sealed 4-pin, TO-3 package providing 50W power dissipation. The regulator consists of a monolithic chip driving a discrete series-pass element and short circuit detection transistors.

Features:
• Replacement for 79HG
• 5.0A Output Current
• Internal Current And Thermal Overload Protection
• Internal Short Circuit Current Limit
• Low Drop-Out Voltage (Typically -2.2 V @ 5.0 A)
• 50W Power Dissipation
• Electrically Isolated Case
• Steel TO-3 Case

Applications:
• Designed for use in general purpose applications where adjustability is advantageous.
• Military and Hi Rel Industrial applications where hermeticity is required.




Similar Part No. - 52149

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5214 3M-5214 Datasheet
38Kb / 2P
DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
logo
Carclo Technical Plasti...
5214 COIL-5214 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Alpha Wire
5214-25C ALPHAWIRE-5214-25C Datasheet
412Kb / 4P
22 (7/30) AWG Tinned Copper
logo
Hutchinson Paulstra
521401 PAULSTRA-521401 Datasheet
190Kb / 4P
RADIAFLEX
521403 PAULSTRA-521403 Datasheet
190Kb / 4P
RADIAFLEX
More results


Similar Description - 52149

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137MAHVH SEME-LAB-IP137MAHVH Datasheet
17Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
79HG ETC1-79HG Datasheet
242Kb / 2P
NEGATIVE 5 AMP VOLTAGE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Semtech Corporation
LAS79HG SEMTECH-LAS79HG Datasheet
262Kb / 5P
5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Sensitron
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com