Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52149 Datasheet(PDF) 2 Page - Micropac Industries

Part # 52149
Description  NEGATIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

52149 Datasheet(HTML) 2 Page - Micropac Industries

  52149 Datasheet HTML 1Page - Micropac Industries 52149 Datasheet HTML 2Page - Micropac Industries 52149 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
12/12/01
2
52149/52174
NEGATIVE ADJUSTABLE 5-AMP, VOLTAGE REGULATOR
ELECTRICAL CHARACTERISTICS
TJ = 25ºC, VIN = -10V and IOUT = -2.0A unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage Range
-7.0
-35
V
Nominal Output Voltage Range
VIN = VOUT -5V
2.55
24
V
Output Voltage Tolerance
40V
≤ VIN ≤ -7V
4
% (VOUT)
Line Regulation
40V
≤ VIN ≤ -7V
0.4
1.0
% (VOUT)
Load Regulation
VIN = VOUT -10V
-10mA
≤ IOUT ≤ -5.0A
0.7
1.0
% (VOUT)
Control Pin Current
3.0
µA
Quiescent Current
VIN = -10V
7.0
mA
Ripple Rejection
-18V
≤ VIN ≤ -8.5V
VOUT = -5V, f = 120 Hz
50
dB
Output Noise Voltage
VOUT = -5V, 10 Hz ≤ f ≤ 100kHz
200
µV
Dropout Voltage
IOUT = -5A @ -0.95 VOUT
-2.2
V
Short-Circuit Current Limit
VIN = -15V
8
12
A
Control Pin voltage (Reference)
VIN = -10V
-2.65
-2.45
V
DESIGN CONSIDERATIONS
This device has thermal overload protection from excessive power and internal short circuit protection, which limits the circuit’s maximum
current. Thus, the device is protected from overload abnormalities. Although the internal power dissipation is limited, the junction
temperature must be kept below the maximum specified temperature (150ºC). It is recommended, by the manufacturer, that the maximum
junction temperature be kept as low as possible for increased reliability. To calculate the maximum junction temperature or heat sink
required, the following thermal resistance values should be used.
θJC
Package
Typical
Max
PD(MAX) =
TJ(MAX) – TA
θCA = θCS + θSA
TO-3
1.8
2.5
θJC + θCA
Solving for TJ = TA + PD (θJC + θCA)
Where:
TJ = Junction Temperature
TA = Ambient Temperature
θCA = Case-to-ambient thermal resistance
PD = Power Dissipation
θCS = Case-to-heat sink thermal resistance
θJC = Junction-to-case thermal resistance
θSA = Heat sink-to-ambient thermal resistance
The device is designed to operate without external compensation components. However, the amount of external filtering of these voltage
regulators depends upon the circuit layout. If in a specific application the regulator is more than four inches from the filter capacitor, a 2
µF
solid tantalum capacitor should be used at the input. A 1
µF capacitor should be used at the output to reduce transients created by fast
switching loads, as seen in the basic test circuit. These filter capacitors must be located as close to the regulator as possible.
Caution: Permanent damage can result from forcing the output voltage higher than the input voltage. A protection diode from output to
input should be used if this condition exists.
VOLTAGE OUTPUT
The device has an adjustable output voltage from -2.55 to -24V which can be programmed by the external resistor network (potentiometer
or two fixed resistors) using the relationship:
Example:
If R1 = 0
Ω and R2 = 5kΩ, Then
VOUT = VCONTROL R1 + R2
VOUT = -2.55 V nominal,
R2
or, if R1 = 12.8 k
Ω and R2 = 2.1 kΩ then
VOUT = -18V.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com