Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53111 Datasheet (PDF) - Micropac Industries

53111 Datasheet PDF - Micropac Industries
Part # 53111
Download  53111 Download
File Size   198.69 Kbytes
Page   11 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POWER MOSFET OPTOCOUPLER

53111 Datasheet (PDF)

Go To PDF Page Download Datasheet
53111 Datasheet PDF - Micropac Industries

Part # 53111
Download  53111 Click to download

File Size   198.69 Kbytes
Page   11 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POWER MOSFET OPTOCOUPLER

53111 Datasheet (HTML) - Micropac Industries


53111 Product details

90 V/1 Ω, Hermetically Sealed, DSCC Approved 5962-9314001 and 5962-9314002



DESCRIPTION

The 53111 is a single channel, hermetically sealed, power MOSFET optocoupler. Low on-resistance of the MOSFET output, combined with 1500 VDC isolation between input and output, makes this optocoupler ideal for solid state relay applications. Operation is specified over the full military temperature range. The part is supplied in an eight-pin, dual-in-line ceramic package, available as COTS, as fully compliant MIL-PRF-38534 Class H device, or with custom screening. Lead options support both through-hole and surface-mount assembly. The part is normally shipped with gold plated leads, but lead finishes per MIL-PRF-38534 are available.



Features:

• Hermetically Sealed 8-Pin Dual-In-Line package

• Small Size and Weight

• Options: 5mA or 10mA input forward current

• Performance Guaranteed over –55°C to

+125°C Ambient Temperature Range

• AC/DC Signal & Power Switching

• Maximum Average Current

   AC/DC: 0.8 A

   DC only: 1.6 A

• 1500 VDC Withstand Test Voltage

• High Transient Immunity

• 5 A Output Surge Current

• Shock and Vibration Resistant

• MIL-PRF-38534 Compliant

• Equivalent to HSSR7111/7112



Applications:

• Satellite/Space Systems

• Military/High Reliability Systems

• Standard 28 VDC and 48 VDC Load Driver

• Standard 24 VAC Load Driver

• AC/DC Electromechanical and Solid State Relay Replacement

• I/O Modules




Similar Part No. - 53111

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53111-1PA MICROPAC-53111-1PA Datasheet
108Kb / 11P
POWER MOSFET OPTOCOUPLER
53111-1PC MICROPAC-53111-1PC Datasheet
108Kb / 11P
POWER MOSFET OPTOCOUPLER
53111-1XA MICROPAC-53111-1XA Datasheet
108Kb / 11P
POWER MOSFET OPTOCOUPLER
53111-1XC MICROPAC-53111-1XC Datasheet
108Kb / 11P
POWER MOSFET OPTOCOUPLER
53111-1YA MICROPAC-53111-1YA Datasheet
108Kb / 11P
POWER MOSFET OPTOCOUPLER
More results


Similar Description - 53111

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53259 MICROPAC-53259 Datasheet
130Kb / 6P
POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
53272 MICROPAC-53272 Datasheet
208Kb / 9P
POWER MOSFET OPTOCOUPLER 90V - 2.0A
logo
Vishay Siliconix
VO2223 VISHAY-VO2223_12 Datasheet
107Kb / 6P
Optocoupler, Power Phototriac
12-Sep-12
VO2223A VISHAY-VO2223A_12 Datasheet
107Kb / 6P
Optocoupler, Power Phototriac
12-Sep-12
logo
Micropac Industries
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
53259 MICROPAC-53259_15 Datasheet
83Kb / 8P
POWER MOSFET OPTOCOUPLER SPST NORMALLY CLOSED
53272 MICROPAC-53272_12 Datasheet
106Kb / 9P
POWER MOSFET OPTOCOUPLER
53124 MICROPAC-53124_13 Datasheet
124Kb / 14P
POWER MOSFET OPTOCOUPLER
53111 MICROPAC-53111_13 Datasheet
108Kb / 11P
POWER MOSFET OPTOCOUPLER
logo
Vishay Siliconix
VO2223 VISHAY-VO2223_17 Datasheet
130Kb / 7P
Optocoupler, Power Phototriac
07-Dec-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com