Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53124 Datasheet (PDF) - Micropac Industries

53124 Datasheet PDF - Micropac Industries
Part # 53124
Download  53124 Download
File Size   239.98 Kbytes
Page   13 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description RADIATION TOLERANT, 짹 90V - 0.8A POWER MOSFET OPTOCOUPLER

53124 Datasheet (PDF)

Go To PDF Page Download Datasheet
53124 Datasheet PDF - Micropac Industries

Part # 53124
Download  53124 Click to download

File Size   239.98 Kbytes
Page   13 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description RADIATION TOLERANT, 짹 90V - 0.8A POWER MOSFET OPTOCOUPLER

53124 Datasheet (HTML) - Micropac Industries




Similar Part No. - 53124

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
53124-1 TEC-53124-1 Datasheet
189Kb / 5P
202237-1
logo
Micropac Industries
53124 MICROPAC-53124_13 Datasheet
124Kb / 14P
POWER MOSFET OPTOCOUPLER
More results


Similar Description - 53124

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53253 MICROPAC-53253 Datasheet
121Kb / 5P
RADIATION TOLERANT, 90V - 0.8A DUAL POWER MOSFET OPTOCOUPLERS
66099 MICROPAC-66099 Datasheet
87Kb / 2P
HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
logo
List of Unclassifed Man...
OLS249 ETC-OLS249 Datasheet
25Kb / 3P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
logo
Micropac Industries
53272 MICROPAC-53272 Datasheet
208Kb / 9P
POWER MOSFET OPTOCOUPLER 90V - 2.0A
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
53253 MICROPAC-53253_07 Datasheet
81Kb / 8P
RADIATION TOLERANT, 90V - 0.8A
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Skyworks Solutions Inc.
OLC049 SKYWORKS-OLC049 Datasheet
307Kb / 6P
Radiation-Tolerant, Phototransistor Surface-Mount Optocoupler
April 20, 2022
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
OLI149 SKYWORKS-OLI149 Datasheet
345Kb / 6P
Radiation Tolerant, Photo-Transistor Optocoupler
June 26, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com