Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53253 Datasheet (PDF) - Micropac Industries

53253 Datasheet PDF - Micropac Industries
Part # 53253
Download  53253 Download
File Size   121.47 Kbytes
Page   5 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description RADIATION TOLERANT, 90V - 0.8A DUAL POWER MOSFET OPTOCOUPLERS

53253 Datasheet (PDF)

Go To PDF Page Download Datasheet
53253 Datasheet PDF - Micropac Industries

Part # 53253
Download  53253 Click to download

File Size   121.47 Kbytes
Page   5 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description RADIATION TOLERANT, 90V - 0.8A DUAL POWER MOSFET OPTOCOUPLERS

53253 Datasheet (HTML) - Micropac Industries




Similar Part No. - 53253

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53253 MOLEX-53253 Datasheet
34Kb / 2P
Micro-Latch
09/10/2018
53253-0 MOLEX7-53253-0 Datasheet
161Kb / 4P
2.00mm (.079") Pitch Micro-Latch??Wire-to-Board Header, Vertical, Square Pin,Three-sided Shroud, Lead-free, 3 Circuits
logo
MolexKits
53253-0270 MOLEXKITS-53253-0270 Datasheet
38Kb / 2P
Friction Lock Vertical and Right Angle Header and Receptacle
53253-0270 MOLEXKITS-53253-0270 Datasheet
38Kb / 2P
Friction Lock Vertical Header and Receptacle
53253-0270 MOLEXKITS-53253-0270 Datasheet
23Kb / 3P
PCB Through Hole, SMT (Surface Mount Technology)
More results


Similar Description - 53253

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42142 MICROPAC-42142 Datasheet
198Kb / 8P
RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER
42143 MICROPAC-42143 Datasheet
148Kb / 5P
RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER
53124 MICROPAC-53124 Datasheet
239Kb / 13P
RADIATION TOLERANT, 짹 90V - 0.8A POWER MOSFET OPTOCOUPLER
logo
List of Unclassifed Man...
OLF249 ETC2-OLF249 Datasheet
28Kb / 3P
Radiation Tolerant Phototransistor
logo
ATMEL Corporation
M67206F ATMEL-M67206F Datasheet
72Kb / 5P
Radiation Tolerant FIFOs
logo
Micropac Industries
66342 MICROPAC-66342 Datasheet
78Kb / 2P
PROTON RADIATION TOLERANT
66296 MICROPAC-66296 Datasheet
123Kb / 2P
PROTON RADIATION TOLERANT
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
RADIATION TOLERANT
53253 MICROPAC-53253_07 Datasheet
81Kb / 8P
RADIATION TOLERANT, 90V - 0.8A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com