Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53200 Datasheet (PDF) - Micropac Industries

53200 Datasheet PDF - Micropac Industries
Part # 53200
Download  53200 Download
File Size   95.35 Kbytes
Page   4 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description SPDT SOLID-STATE RELAYS

53200 Datasheet (PDF)

Go To PDF Page Download Datasheet
53200 Datasheet PDF - Micropac Industries

Part # 53200
Download  53200 Click to download

File Size   95.35 Kbytes
Page   4 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description SPDT SOLID-STATE RELAYS

53200 Datasheet (HTML) - Micropac Industries


53200 Product details

DESCRIPTION

The MII 53200, 53203, and 53204 are military SPDT high power, solid-state relays. These light-weight devices are resistant to damage from shock and vibration, and are immune to contact-related problems (contamination, arcing) associated with mechanical equivalents. Optical coupling between the input and output stages provides effective isolation up to 1500 volts AC RMS. Power FET outputs eliminate bipolar offset, and minimize output voltage drop for high current capability. The control logic is CMOS compatible, and will accommodate bias supplies between 4 and 16 VDC. A TTL input driver with pull up resistor may also be used. These solid-state relays are ideal for use in military systems, or wherever high reliability, low power actuation, and light-weight are design considerations. Applications include general-purpose signal switching and electronic load control.



Features:

• Replacements for M31-1, M31-1A, M31-2 A

• SPDT, Break-Before-Make

• Up to 1500 V RMS Optical Isolation

• Output current up to 8.2 Amps (53203)

• Power FET Output Low On-state Resistance

• Full Military Temperature Operation: -55ºC to +125ºC

• Military Environmental Screening Available



Applications:

• Heater Load Switching

• Sensor Activation

• Remote Signal Activation

• Servo and synchro control

• High power switching



 




Similar Part No. - 53200

ManufacturerPart #DatasheetDescription
logo
Theben AG
5320001 THEBEN-5320001 Datasheet
540Kb / 2P
Time and light control Dimmer
07/04/2025
logo
Festo Corporation.
532003 FESTO-532003 Datasheet
85Kb / 2P
Soft start valve
3/31/22
532004 FESTO-532004 Datasheet
85Kb / 2P
Soft start valve
3/31/22
logo
FIBOX Enclosing innovat...
5320059 FIBOX-5320059 Datasheet
61Kb / 2P
UL Enclosure, PC
28.08.2023
5320060 FIBOX-5320060 Datasheet
66Kb / 2P
UL Enclosure, PC
28.08.2023
More results


Similar Description - 53200

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
Solid-state relays
OV-24DC PHOENIX-OV-24DC Datasheet
168Kb / 4P
Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com