Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53200 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53200
Description  SPDT SOLID-STATE RELAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53200 Datasheet(HTML) 2 Page - Micropac Industries

  53200 Datasheet HTML 1Page - Micropac Industries 53200 Datasheet HTML 2Page - Micropac Industries 53200 Datasheet HTML 3Page - Micropac Industries 53200 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL:
hybridsales@micropac.com
8/12/02
Pg. 2 of 4
53200, 53203, and 53204
SPDT SOLID-STATE RELAYS
ELECTRICAL CHARACTERISTICS
TA = +25° C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Isolation Voltage, I/O
60 Hz Sine Wave
1500
VAC RMS
Isolation Resistance
Input to Case, at 50V
109
Ohms
Continuos Operating Output Voltage
53200
53203
53204
80
80
160
VDC
VDC
VDC
Transient Output Voltage
53200
53203
53204
80
80
180
VDC
VDC
VDC
Load Current:
53200
53203
53204
2.0 ºC/W Heat Sink
4.8
8.2
5.2
Amps DC
Amps DC
Amps DC
On Resistance:
53200
53203
53204
0.3
0.15
0.38
Ohms
Ohms
Ohms
Capacitance, I/O
25 V, 1 MHz
5
PF
Leakage Current:
53200
53203
53204
Load Voltage =
Maximum
20
40
40
µA
µA
µA
Bias Supply Voltage, VDD
4
16
VDC
Bias Current
13
16
MA
Control Logic Voltage
16
VDC
Control Logic Current
2
µA
Control Logic Level – High
0.75
VDD
VDC
Control Logic Level – Low
0
0.15 VDD
VDC
tr (Rise Time):
53200
53203
53204
Load Voltage = 25 VDC
RL = 50Ω
2.0
3.0
3.0
ms
ms
ms
ton (Turn-On-Time):
53200
53203
53204
3.0
4.0
4.0
ms
ms
ms
tf (Fall Time)
50
µs
toff (Turn-Off-Time):
53200
53203
53204
200
250
250
µs
µs
µs
td (Dwell Time)
0.5
1.5
ms
Thermal Resistance,
θJA:
53200
53203
53204
23
20
20
ºC/W
ºC/W
ºC/W
Thermal Resistance,
θJC:
53200
53203
53204
7.0
4.2
4.2
ºC/W
ºC/W
ºC/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com