Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53210 Datasheet (PDF) - Micropac Industries

53210 Datasheet PDF - Micropac Industries
Part # 53210
Download  53210 Download
File Size   107.57 Kbytes
Page   4 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description SPDT SOLID-STATE RELAYS High Power AC/DC Switching

53210 Datasheet (PDF)

Go To PDF Page Download Datasheet
53210 Datasheet PDF - Micropac Industries

Part # 53210
Download  53210 Click to download

File Size   107.57 Kbytes
Page   4 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description SPDT SOLID-STATE RELAYS High Power AC/DC Switching

53210 Datasheet (HTML) - Micropac Industries


53210 Product details

DESCRIPTION
The 53209, 53210, and 53211 are military SPDT high power, solid-state relays. These light-weight devices are resistant to damage from shock and vibration, and are immune to contact-related problems (contamination, arcing) associated with mechanical equivalents.

Features:
• Replacements for M30-1, M30-3, M30-4
• SPDT, Break-Before-Make
• Up to 1500 V RMS optical isolation
• Output voltage up to ±320 VDC (53211)
• Power FET output low on-state resistance
• Full military temperature operation: -55ºC to +125ºC
• Military environmental screening available

Applications:
• High power switching
• Line drivers
• Servo control
• Harsh environment
• Load control
• General purpose switching




Similar Part No. - 53210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
532101 ETC2-532101 Datasheet
96Kb / 1P
50 OHM COAXIAL CABLE
logo
Festo Corporation.
532109 FESTO-532109 Datasheet
84Kb / 2P
Shut off valve
3/29/22
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
RF/Universal Frequency Counter/Timers
More results


Similar Description - 53210

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PD1201 CLARE-PD1201 Datasheet
321Kb / 4P
AC Solid State Relays
PD2401 CLARE-PD2401 Datasheet
382Kb / 4P
AC Solid State Relays
PD2601 CLARE-PD2601 Datasheet
400Kb / 4P
AC Solid State Relays
logo
Micropac Industries
53200 MICROPAC-53200 Datasheet
95Kb / 4P
SPDT SOLID-STATE RELAYS
logo
Tyco Electronics
TS5-1Y MACOM-TS5-1Y Datasheet
79Kb / 2P
DC SOLID STATE RELAYS
logo
Clare, Inc.
CPC1961 CLARE-CPC1961_11 Datasheet
127Kb / 7P
Dual AC Solid State Relays
PD2401 CLARE-PD2401_10 Datasheet
101Kb / 5P
AC Solid State Relays
PD2601 CLARE-PD2601_10 Datasheet
101Kb / 5P
AC Solid State Relays
logo
List of Unclassifed Man...
RS3-1D40-21 ETC2-RS3-1D40-21 Datasheet
923Kb / 1P
Panel Mount, Heavy Duty, SPST?묿O, Solid State AC and DC Power Relays, Solid State AC and DC Power Relays
logo
Omron Electronics LLC
G3PH OMRON-G3PH Datasheet
1Mb / 12P
High-power Solid State Relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com