Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53254 Datasheet (PDF) - Micropac Industries

53254 Datasheet PDF - Micropac Industries
Part # 53254
Download  53254 Download
File Size   145.29 Kbytes
Page   4 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 40VDC - 10A SOLID STATE RELAY

53254 Datasheet (PDF)

Go To PDF Page Download Datasheet
53254 Datasheet PDF - Micropac Industries

Part # 53254
Download  53254 Click to download

File Size   145.29 Kbytes
Page   4 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 40VDC - 10A SOLID STATE RELAY

53254 Datasheet (HTML) - Micropac Industries




Similar Part No. - 53254

ManufacturerPart #DatasheetDescription
logo
MolexKits
53254-0270 MOLEXKITS-53254-0270 Datasheet
38Kb / 2P
Friction Lock Vertical and Right Angle Header and Receptacle
53254-0270 MOLEXKITS-53254-0270 Datasheet
38Kb / 2P
Friction Lock Right Angle Header and Receptacle
53254-0270 MOLEXKITS-53254-0270 Datasheet
23Kb / 3P
PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
53254-0270 MOLEX7-53254-0270 Datasheet
146Kb / 4P
2.00mm (.079") Pitch Micro-Latch??Wire-to-Board Header, Right Angle, Square Pin Three-sided Shroud, Lead-free, 2 Circuits
53254-0310 MOLEX11-53254-0310 Datasheet
56Kb / 1P
NEW 2.0 W/B CONN. 51065/532530R51065/54254
More results


Similar Description - 53254

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53246 MICROPAC-53246 Datasheet
153Kb / 7P
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53250 MICROPAC-53250 Datasheet
161Kb / 6P
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53255 MICROPAC-53255 Datasheet
113Kb / 4P
400VDC - 10A SOLID STATE RELAY
logo
List of Unclassifed Man...
53274 ETC2-53274 Datasheet
56Kb / 5P
Solid State Relay SPST, 90VDC - 10A
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Micropac Industries
53274 MICROPAC-53274 Datasheet
68Kb / 5P
Solid State Relay SPST, 90VDC - 10A
53274 MICROPAC-53274 Datasheet
68Kb / 5P
Solid State Relay SPST, 90VDC - 10A
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
International Rectifier
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
Radiation Hardended, 100V Single 10A, Solid State Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com