Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53255 Datasheet (PDF) - Micropac Industries

53255 Datasheet PDF - Micropac Industries
Part # 53255
Download  53255 Download
File Size   113.73 Kbytes
Page   4 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 400VDC - 10A SOLID STATE RELAY

53255 Datasheet (PDF)

Go To PDF Page Download Datasheet
53255 Datasheet PDF - Micropac Industries

Part # 53255
Download  53255 Click to download

File Size   113.73 Kbytes
Page   4 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 400VDC - 10A SOLID STATE RELAY

53255 Datasheet (HTML) - Micropac Industries




Similar Part No. - 53255

ManufacturerPart #DatasheetDescription
logo
Kitronik Ltd
5325 KITRONIK-5325 Datasheet
449Kb / 3P
Kitronik Discovery Kit for Raspberry Pi Pico (Pico Included)
logo
Micropac Industries
53250 MICROPAC-53250 Datasheet
161Kb / 6P
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
logo
Walther-Werke
532504 WALTHER-532504 Datasheet
437Kb / 4P
Channel installation sockets IP 44
532509 WALTHER-532509 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Micropac Industries
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
RADIATION TOLERANT
More results


Similar Description - 53255

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53254 MICROPAC-53254 Datasheet
145Kb / 4P
40VDC - 10A SOLID STATE RELAY
53262 MICROPAC-53262 Datasheet
114Kb / 4P
SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
COSMO Electronics Corp...
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
logo
List of Unclassifed Man...
53274 ETC2-53274 Datasheet
56Kb / 5P
Solid State Relay SPST, 90VDC - 10A
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Micropac Industries
53274 MICROPAC-53274 Datasheet
68Kb / 5P
Solid State Relay SPST, 90VDC - 10A
53274 MICROPAC-53274 Datasheet
68Kb / 5P
Solid State Relay SPST, 90VDC - 10A
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
International Rectifier
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
Radiation Hardended, 100V Single 10A, Solid State Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com