Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66005 Datasheet (PDF) - Micropac Industries

66005 Datasheet PDF - Micropac Industries
Part # 66005
Download  66005 Download
File Size   91.0 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 16kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE

66005 Datasheet (PDF)

Go To PDF Page Download Datasheet
66005 Datasheet PDF - Micropac Industries

Part # 66005
Download  66005 Click to download

File Size   91.0 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 16kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE

66005 Datasheet (HTML) - Micropac Industries


66005 Product details

DESCRIPTION

In the 66005, high voltage isolation is provided with a GaAlAs light emitting diode and by your choice of outputs, either silicon phototransistor or photodarlington, hermetically sealed in TO-46 packages and mounted in a high reliability, hermetically sealed, ceramic package. Available in commercial (0° to +70°C), extended temperature range (-40° to +85°C) and full Military temperature range (-55° to +125°C). Contact the factory for special custom or multi-channel requirements!



Features:

• High Reliability

• Rugged package

• Stability over wide temperature

• +16kV electrical isolation



Applications:

• Grid current modulator

• Power Supply Feedback

• Switching between power supplies

• Patient station isolation



 




Similar Part No. - 66005

ManufacturerPart #DatasheetDescription
logo
Clarke International
6600502 CLARKE-6600502 Datasheet
2Mb / 8P
INDUSTRIAL SHELVING
GC0219 - rev 4
6600532 CLARKE-6600532 Datasheet
2Mb / 4P
5-TIER SHELVING RACK
GC1010
More results


Similar Description - 66005

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66004 MICROPAC-66004 Datasheet
91Kb / 2P
40kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE
logo
ISOCOM COMPONENTS
H11B1X ISOCOM-H11B1X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
4N29 ISOCOM-4N29 Datasheet
343Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
TIL113 ISOCOM-TIL113 Datasheet
393Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
H11D1X ISOCOM-H11D1X Datasheet
78Kb / 3P
HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N29 ISOCOM-4N29_08 Datasheet
93Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230 ISOCOM-MCA230_10 Datasheet
724Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA2230 ISOCOM-MCA2230_10 Datasheet
842Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
Honeywell Accelerometer...
HOA0708-001 HONEYWELL-ACC-HOA0708-001 Datasheet
441Kb / 4P
Choice of phototransistor or photodarlington
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
Choice of phototransistor or photodarlington
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com