Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66004 Datasheet (PDF) - Micropac Industries

66004 Datasheet PDF - Micropac Industries
Part # 66004
Download  66004 Download
File Size   91.06 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 40kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE

66004 Datasheet (PDF)

Go To PDF Page Download Datasheet
66004 Datasheet PDF - Micropac Industries

Part # 66004
Download  66004 Click to download

File Size   91.06 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 40kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE

66004 Datasheet (HTML) - Micropac Industries


66004 Product details

DESCRIPTION
In the 66004, high voltage isolation is provided with a GaAlAs light emitting diode and by your choice of outputs, either silicon phototransistor or photodarlington, hermetically sealed in TO-46 packages and mounted in a high reliability, hermetically sealed, ceramic package. Available in commercial (0° to +70°C), extended temperature range (-40° to +85°C) and full Military temperature range (-55° to +125°C). Contact the factory for special custom or multi-channel requirements!

Features:
• High Reliability
• Rugged package
• Stability over wide temperature
• 40kVdc electrical isolation

Applications:
• Grid current modulator
• Power Supply Feedback
• Switching between power supplies
• Patient station isolation




Similar Part No. - 66004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6600 ETC2-6600 Datasheet
598Kb / 4P
SERIES 6600 THERMOSTATS
6600 ETC-6600 Datasheet
86Kb / 1P
Wire Lead Toggle & Push Button Switches
logo
Sensata Technologies, I...
6600 SENSATA-6600 Datasheet
306Kb / 5P
8-PIN DIP, SUBMINIATURE BIMETAL DISC THERMOSTAT
Rev,01/19/2024
logo
Schurter Inc.
6600-3 SCHURTER-6600-3 Datasheet
325Kb / 2P
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
6600-3 SCHURTER-6600-3 Datasheet
380Kb / 2P
IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
More results


Similar Description - 66004

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66005 MICROPAC-66005 Datasheet
91Kb / 2P
16kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE
66147 MICROPAC-66147 Datasheet
91Kb / 2P
40kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
logo
ISOCOM COMPONENTS
H11B1X ISOCOM-H11B1X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
4N29 ISOCOM-4N29 Datasheet
343Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
TIL113 ISOCOM-TIL113 Datasheet
393Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
H11D1X ISOCOM-H11D1X Datasheet
78Kb / 3P
HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N29 ISOCOM-4N29_08 Datasheet
93Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA2230 ISOCOM-MCA2230_10 Datasheet
842Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
Honeywell Accelerometer...
HOA0708-001 HONEYWELL-ACC-HOA0708-001 Datasheet
441Kb / 4P
Choice of phototransistor or photodarlington
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
Choice of phototransistor or photodarlington
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com