Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66147 Datasheet (PDF) - Micropac Industries

66147 Datasheet PDF - Micropac Industries
Part # 66147
Download  66147 Download
File Size   91.74 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 40kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT

66147 Datasheet (PDF)

Go To PDF Page Download Datasheet
66147 Datasheet PDF - Micropac Industries

Part # 66147
Download  66147 Click to download

File Size   91.74 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 40kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT

66147 Datasheet (HTML) - Micropac Industries




Similar Part No. - 66147

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
Original spare parts
66140CBI35WPK OSRAM-66140CBI35WPK Datasheet
138Kb / 4P
Blue effect without coating
66140ULT35WPK OSRAM-66140ULT35WPK Datasheet
125Kb / 3P
XENARC lamp change is recommended to be carried out by a professional
66140XNB35WPK OSRAM-66140XNB35WPK Datasheet
124Kb / 4P
Color temperature: up to 4,350 K
logo
Micropac Industries
66143 MICROPAC-66143 Datasheet
101Kb / 2P
Base lead provided for conventional transistor biasing
More results


Similar Description - 66147

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66004 MICROPAC-66004 Datasheet
91Kb / 2P
40kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE
66181 MICROPAC-66181 Datasheet
92Kb / 2P
30kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
logo
List of Unclassifed Man...
IS7000 ETC1-IS7000 Datasheet
41Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
ISOCOM COMPONENTS
H11G1X ISOCOM-H11G1X Datasheet
56Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
IS725 ISOCOM-IS725 Datasheet
53Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
GETAI ELECTRONICS DEVIC...
HVRL400 GETEDZ-HVRL400 Datasheet
77Kb / 1P
40kV 30mA HIGH VOLTAGE DIODE
logo
Murata Manufacturing Co...
DHRB34A102M2BB MURATA-DHRB34A102M2BB Datasheet
310Kb / 20P
High Voltage Ceramic Capacitors DC10-40kV
logo
ISOCOM COMPONENTS
IS660 ISOCOM-IS660_08 Datasheet
76Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
IS725 ISOCOM-IS725_08 Datasheet
83Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
GETAI ELECTRONICS DEVIC...
HVRL400 GETEDZ-HVRL400_16 Datasheet
90Kb / 1P
40kV 30mA HIGH VOLTAGE DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com