Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66147 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66147
Description  40kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66147 Datasheet(HTML) 2 Page - Micropac Industries

  66147 Datasheet HTML 1Page - Micropac Industries 66147 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
7 - 8
66147
40kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
ELECTRICAL CHARACTERISTICS
Ta = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
High Level Output Current
IOH
5250
µA
VCC = 5.5V, VO = 5.5V,
IF = 20µA
Low Level Output Voltage
VOL
0.35
0.6
V
VCC = 5.5V, IF = 10mA
IOL (Sinking) = 10mA
High Level Supply Current
ICCH
920
mA
VCC = 5.5V, IF = 0
Low Level Supply Current
ICCL
13
30
mA
VCC = 5.5V, IF = 20mA
Input Forward Voltage
VF
1.5
1.75
V
IF = 15mA
Input Reverse Breakdown Voltage
BVR
5V
IR = 10µA
Input-Output Insulation Leakage Current
II—O
10
µA
VCC = 40kVdc,
Relative Humidity = 45%
Ta = 25°C, t = 5 sec
Propagation Delay Time To High Output
Level
TPLH
45
95
ns
RL = 510Ω, CL = 15pf.
If = 13mA
Propagation Delay Time To Low Output
Level
TPHL
55
110
ns
RL = 510Ω, CL = 15pf
If = 13mA
TYPICAL CHARACTERISTICS
TA = 25°C, VCC = 5V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Temperature Coefficient
∆vF
∆TA
-1.9
mV/°CIF = 20mA
1
Resistance (Input-Output)
RI-0
10
12
Ω
VI—O = 500V
3
Input-Input Insulation Leakage Current
II-I
0.5
nA
Relative Humidity = 45%
VI-I = 500V, t = 5s
4
Resistance (Input-Input)
RI-I
10
12
Ω
VI-I = 500V
4
Common Mode Transient Immunity at
High Output Level
CMH
1000
10000
V/µsVCM = 10V (peak),
VO (min) = 2V,
RL = 510Ω, IF = OmA
7
Common Mode Transient Immunity at Low
Output Level
CML
1000
10000
V/µsVCM = 10V (peak),
VO (max) = 0.8V,
RL = 510Ω, IF = 1OmA
8
NOTES:
1.
Each channel
2.
Measured between pins 1 through 8 shorted together and pins 9 through 16 shorted together.
3.
Measured between pins 9 and 10 or 11 and 12 shorted together, and pins 9 through 16 shorted together.
4.
Measured between pins 9 and 10 shorted together, and pins 11 and 12 shorted together.
5.
The tplh propagation delay is measured from the 6.5mA point on the trailing edge of the input pulse to the 1.5V point on the trailing edge of the output pulse.
6.
The tphl propagation delay is measured from the 6.5mA point on the leading edge of the input pulse to the 1.5V point on the leading edge of the output pulse.
7.
CMh is the max. tolerable common mode transient to assure that the output will remain in a high logic state (i.e. VO > 2.0V).
8.
CMl is the max. tolerable common mode transient to assure that the output will remain in a low logic state (i.e. VO < 0.8V).
9.
It is essential that a bypass capacitor (.01 to 0.1µF ceramic) be connected from pin 1 to pin 4.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level Each Channel
IFL
0250
µA
Input Current, High Level Each Channel
IFH
12.5
20
Ma
Supply Voltage
VC
4.5
5.5
V
Fan Out (TTL Load) Each Channel
N
6
Operating Temperature
TA
-55
125
°C
SELECTION GUIDE
PART #
PART DESCRIPTION
66147-001
Inverted output, military operating range (-55° to +125°C)
66147-102
Inverted output, full mil-temp (-55° to +125°C) with 100% device screening (on discrete components)
66147-011
Inverted output, commercial version Isolator(0° to 70°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com