Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66140XNB35WPK Datasheet (PDF) - OSRAM GmbH

66140XNB35WPK Datasheet PDF - OSRAM GmbH
Part # 66140XNB35WPK
Download  66140XNB35WPK Download
File Size   124.71 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Color temperature: up to 4,350 K

66140XNB35WPK Datasheet (PDF)

Go To PDF Page Download Datasheet
66140XNB35WPK Datasheet PDF - OSRAM GmbH

Part # 66140XNB35WPK
Download  66140XNB35WPK Click to download

File Size   124.71 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Color temperature: up to 4,350 K

66140XNB35WPK Datasheet (HTML) - OSRAM GmbH




Similar Part No. - 66140XNB35WPK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
Original spare parts
66140CBI35WPK OSRAM-66140CBI35WPK Datasheet
138Kb / 4P
Blue effect without coating
66140ULT35WPK OSRAM-66140ULT35WPK Datasheet
125Kb / 3P
XENARC lamp change is recommended to be carried out by a professional
More results


Similar Description - 66140XNB35WPK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
2825HCBI OSRAM-2825HCBI Datasheet
128Kb / 4P
Color temperature: up to 4,000 K
3547CW2,5W12V OSRAM-3547CW2,5W12V Datasheet
182Kb / 3P
Modern and intense light with up to 6,000 K
LEDDRL102CL15 OSRAM-LEDDRL102CL15 Datasheet
117Kb / 3P
Color temperature: up to 6,000 K
LEDIL103 OSRAM-LEDIL103 Datasheet
154Kb / 4P
Color temperature: up to 6,000 K
logo
Maxic Technology Corpor...
MT7302 MAXIC-MT7302 Datasheet
166Kb / 1P
Color Temperature Switch Controller
MT7312 MAXIC-MT7312 Datasheet
174Kb / 1P
Color Temperature Switch Controller
MT7322 MAXIC-MT7322 Datasheet
168Kb / 1P
Color Temperature Switch Controller
logo
Murata Manufacturing Co...
935124421610-XXA MURATA1-935124421610-XXA Datasheet
228Kb / 2P
Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
935124422622-XXA MURATA1-935124422622-XXA Datasheet
228Kb / 2P
Ultra High operating temperature- ETSC: up to 200?
Last updated06/13/2022
935124427747-XXA MURATA1-935124427747-XXA Datasheet
228Kb / 2P
Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com