Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDIL103 Datasheet (PDF) - OSRAM GmbH

LEDIL103 Datasheet PDF - OSRAM GmbH
Part # LEDIL103
Download  LEDIL103 Download
File Size   154.09 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Color temperature: up to 6,000 K

LEDIL103 Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDIL103 Datasheet PDF - OSRAM GmbH

Part # LEDIL103
Download  LEDIL103 Click to download

File Size   154.09 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Color temperature: up to 6,000 K

LEDIL103 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - LEDIL103

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDIL301EU-PLUG OSRAM-LEDIL301EU-PLUG Datasheet
98Kb / 3P
Equipped with 215 high-quality, long-lasting LEDs
LEDIL302 OSRAM-LEDIL302 Datasheet
110Kb / 3P
Equipped with 243 high-quality, long-lasting LEDs
logo
Banner Engineering Corp...
LEDILB1160XWG-XQ BANNER-LEDILB1160XWG-XQ Datasheet
192Kb / 3P
High-Power Unsealed Linear Backlights
LEDILB145XWG-XQ BANNER-LEDILB145XWG-XQ Datasheet
192Kb / 3P
High-Power Unsealed Linear Backlights
LEDILB290XWG-XQ BANNER-LEDILB290XWG-XQ Datasheet
192Kb / 3P
High-Power Unsealed Linear Backlights
More results


Similar Description - LEDIL103

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3256XL-7CS280C XILINX-XCR3256XL-7CS280C Datasheet
113Kb / 12P
256 macrocells with 6,000 usable gates
logo
OSRAM GmbH
2825HCBI OSRAM-2825HCBI Datasheet
128Kb / 4P
Color temperature: up to 4,000 K
3547CW2,5W12V OSRAM-3547CW2,5W12V Datasheet
182Kb / 3P
Modern and intense light with up to 6,000 K
66140XNB35WPK OSRAM-66140XNB35WPK Datasheet
124Kb / 4P
Color temperature: up to 4,350 K
LEDDRL102CL15 OSRAM-LEDDRL102CL15 Datasheet
117Kb / 3P
Color temperature: up to 6,000 K
logo
Maxic Technology Corpor...
MT7302 MAXIC-MT7302 Datasheet
166Kb / 1P
Color Temperature Switch Controller
MT7312 MAXIC-MT7312 Datasheet
174Kb / 1P
Color Temperature Switch Controller
MT7322 MAXIC-MT7322 Datasheet
168Kb / 1P
Color Temperature Switch Controller
logo
Fortune Semiconductor C...
FS9922-DMM4 FORTUNE-FS9922-DMM4 Datasheet
1Mb / 37P
Integrated Circuits of 6,000 Counts
logo
Murata Manufacturing Co...
935124422622-XXA MURATA1-935124422622-XXA Datasheet
228Kb / 2P
Ultra High operating temperature- ETSC: up to 200?
Last updated06/13/2022
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com