Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDIL103 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDIL103
Description  Color temperature: up to 6,000 K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDIL103 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDIL103 Datasheet HTML 1Page - OSRAM GmbH LEDIL103 Datasheet HTML 2Page - OSRAM GmbH LEDIL103 Datasheet HTML 3Page - OSRAM GmbH LEDIL103 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Equipment / Accessories
_ Charging cable included
Detail
Detail
Detail
Detail
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899327351
LEDIL103
Folding carton box
1
97 mm x 80 mm x
335 mm
2.60 dm³
239.00 g
4052899327368
LEDIL103
Shipping carton box
4
213 mm x 179 mm x
368 mm
14.03 dm³
1247.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Product datasheet
__
December 12, 2016, 09:55:41
© 2016, OSRAM GmbH. All rights reserved.
LEDIL103
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com