Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDIL103 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDIL103
Description  Color temperature: up to 6,000 K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDIL103 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDIL103 Datasheet HTML 1Page - OSRAM GmbH LEDIL103 Datasheet HTML 2Page - OSRAM GmbH LEDIL103 Datasheet HTML 3Page - OSRAM GmbH LEDIL103 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product benefits
_ 3 year guarantee
_ Rechargeable LED inspection luminaire with robust design
_ Excellent illumination thanks to long-lasting high intensity LEDs
_ Easy to grip and dirt resistant surface
_ No batteries needed
_ Keeps your hands free thanks to magnet and hook
_ Easy charging via USB port and DC connection
Product features
_ Color temperature: up to 6,000 K
_ Battery status display
_ Type of protection: IP42
_ Impact resistance: IK04
_ Rechargeable 2,000 mAh Li-ion battery
_ Equipped with 10+1 high-quality, long-lasting LEDs
_ Low battery warning light
_ Luminous flux: up to 280 lm (main light), up to 70 lm (torch light)
_ 180° bending mechanism
_ Adjustable hook
_ Operation time of battery: up to 4 h (main light), up to 8 h (torch light)
_ Rechargeable via 90…250 V adapter
Product datasheet
LEDIL103
LEDinspect PRO SLIMLINE 280 | Inspection lamps
Areas of application
_ Inspection and maintenance of vehicles
__
December 12, 2016, 09:55:41
© 2016, OSRAM GmbH. All rights reserved.
LEDIL103
Page 1 of 4


Similar Part No. - LEDIL103

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDIL301EU-PLUG OSRAM-LEDIL301EU-PLUG Datasheet
98Kb / 3P
Equipped with 215 high-quality, long-lasting LEDs
LEDIL302 OSRAM-LEDIL302 Datasheet
110Kb / 3P
Equipped with 243 high-quality, long-lasting LEDs
logo
Banner Engineering Corp...
LEDILB1160XWG-XQ BANNER-LEDILB1160XWG-XQ Datasheet
192Kb / 3P
High-Power Unsealed Linear Backlights
LEDILB145XWG-XQ BANNER-LEDILB145XWG-XQ Datasheet
192Kb / 3P
High-Power Unsealed Linear Backlights
LEDILB290XWG-XQ BANNER-LEDILB290XWG-XQ Datasheet
192Kb / 3P
High-Power Unsealed Linear Backlights
More results

Similar Description - LEDIL103

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3256XL-7CS280C XILINX-XCR3256XL-7CS280C Datasheet
113Kb / 12P
256 macrocells with 6,000 usable gates
logo
OSRAM GmbH
2825HCBI OSRAM-2825HCBI Datasheet
128Kb / 4P
Color temperature: up to 4,000 K
3547CW2,5W12V OSRAM-3547CW2,5W12V Datasheet
182Kb / 3P
Modern and intense light with up to 6,000 K
66140XNB35WPK OSRAM-66140XNB35WPK Datasheet
124Kb / 4P
Color temperature: up to 4,350 K
LEDDRL102CL15 OSRAM-LEDDRL102CL15 Datasheet
117Kb / 3P
Color temperature: up to 6,000 K
logo
Maxic Technology Corpor...
MT7302 MAXIC-MT7302 Datasheet
166Kb / 1P
Color Temperature Switch Controller
MT7312 MAXIC-MT7312 Datasheet
174Kb / 1P
Color Temperature Switch Controller
MT7322 MAXIC-MT7322 Datasheet
168Kb / 1P
Color Temperature Switch Controller
logo
Fortune Semiconductor C...
FS9922-DMM4 FORTUNE-FS9922-DMM4 Datasheet
1Mb / 37P
Integrated Circuits of 6,000 Counts
logo
Murata Manufacturing Co...
935124422622-XXA MURATA1-935124422622-XXA Datasheet
228Kb / 2P
Ultra High operating temperature- ETSC: up to 200?
Last updated06/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com