Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2825HCBI Datasheet (PDF) - OSRAM GmbH

2825HCBI Datasheet PDF - OSRAM GmbH
Part # 2825HCBI
Download  2825HCBI Download
File Size   128.84 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Color temperature: up to 4,000 K

2825HCBI Datasheet (PDF)

Go To PDF Page Download Datasheet
2825HCBI Datasheet PDF - OSRAM GmbH

Part # 2825HCBI
Download  2825HCBI Click to download

File Size   128.84 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Color temperature: up to 4,000 K

2825HCBI Datasheet (HTML) - OSRAM GmbH




Similar Part No. - 2825HCBI

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2825 KR-2825 Datasheet
49Kb / 2P
196 MHz bandpass filter
logo
PHOENIX CONTACT
2825 PHOENIX-2825 Datasheet
829Kb / 7P
Power supply for intrinsically safe Inline terminals used in hazardous locations
logo
Heyco.
2825 HEYCO-2825 Datasheet
102Kb / 1P
Shorty Bushings
logo
List of Unclassifed Man...
2825-F ETC2-2825-F Datasheet
80Kb / 1P
KNOB
2825-H ETC2-2825-H Datasheet
80Kb / 1P
KNOB
More results


Similar Description - 2825HCBI

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N111195 E-SWITCH-N111195 Datasheet
77Kb / 1P
PACKAGING: 4,000 PCS PER REEL
logo
OSRAM GmbH
3547CW2,5W12V OSRAM-3547CW2,5W12V Datasheet
182Kb / 3P
Modern and intense light with up to 6,000 K
66140XNB35WPK OSRAM-66140XNB35WPK Datasheet
124Kb / 4P
Color temperature: up to 4,350 K
LEDDRL102CL15 OSRAM-LEDDRL102CL15 Datasheet
117Kb / 3P
Color temperature: up to 6,000 K
LEDIL103 OSRAM-LEDIL103 Datasheet
154Kb / 4P
Color temperature: up to 6,000 K
logo
Maxic Technology Corpor...
MT7302 MAXIC-MT7302 Datasheet
166Kb / 1P
Color Temperature Switch Controller
MT7312 MAXIC-MT7312 Datasheet
174Kb / 1P
Color Temperature Switch Controller
MT7322 MAXIC-MT7322 Datasheet
168Kb / 1P
Color Temperature Switch Controller
logo
Fortune Semiconductor C...
FS9922-DMM3 FORTUNE-FS9922-DMM3 Datasheet
1Mb / 35P
Integrated Circuits of 4,000 Counts
logo
AIC tech Inc.
VG1E154YD094 AICTECH-VG1E154YD094 Datasheet
91Kb / 6P
Useful of 4,000 hours at 105ºC
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com