Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66012 Datasheet (PDF) - Micropac Industries

66012 Datasheet PDF - Micropac Industries
Part # 66012
Download  66012 Download
File Size   93.49 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER

66012 Datasheet (PDF)

Go To PDF Page Download Datasheet
66012 Datasheet PDF - Micropac Industries

Part # 66012
Download  66012 Click to download

File Size   93.49 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER

66012 Datasheet (HTML) - Micropac Industries


66012 Product details

DESCRIPTION
The 66012 optocoupler contains four infrared LEDs optically coupled to four corresponding high gain photon detectors. This unique quad optocoupler provides high CTR and low leakage currents over the full military temperature range (-55° to +125°C). The 66012 is a 16 pin dual-in-line, hermetically sealed package and is available in standard and MIL-PRF-38534 screened versions or tested to customer specifications.

Features:
• DSCC Approved 8302401EX
• High current transfer ratio: 1000% typical
• 1500 Vdc isolation test voltage
• Low input current requirement: 0.5mA

Applications:
• Military and Space
• High reliability systems
• Voltage Level Shifting
• Isolated Receiver Input
• Communication systems




Similar Part No. - 66012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
66012102111404 WURTH-66012102111404 Datasheet
257Kb / 5P
WR-MMCX MMCX PCB SMT Jack
001.000
66012202111305 WURTH-66012202111305 Datasheet
257Kb / 5P
WR-MMCX MMCX PCB End Launch Jack
001.000
More results


Similar Description - 66012

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66013 MICROPAC-66013 Datasheet
88Kb / 2P
DUAL CHANNEL, HERMETICALLY SEALED, HIGH-SPEED 6N134 OPTOCOUPLER
66024 MICROPAC-66024 Datasheet
94Kb / 3P
4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
66058 MICROPAC-66058 Datasheet
90Kb / 2P
SINGLE/DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER (Electrically similar to 6N140)
66186 MICROPAC-66186 Datasheet
79Kb / 2P
TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
Low Current Input Mini Optocoupler
March 4, 2000-23
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
Dual Channel Line Receiver Hermetically Sealed Optocoupler
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
Dual Channel Line Receiver Hermetically Sealed Optocoupler
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
Dual-Channel Line Receiver Hermetically Sealed Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com